Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPC130B Datasheet(PDF) 1 Page - SL Power Electronics

Part # GPC130B
Description  130 Watt Global Performance Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPC130B Datasheet(HTML) 1 Page - SL Power Electronics

  GPC130B Datasheet HTML 1Page - SL Power Electronics GPC130B Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
54
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GPC130 Commercial/GPM130 Medical
130 Watt Global Performance Switchers
FEATURES:
• Wide-range ac input 85-264 Vac
• 2-year warranty
• Commercial Approved to UL1950, IEC950,
EN60950 and CSA22.2-234 L3
• Medical Approved to UL2601-1, IEC601-1 and
CSA22.2 No. 601
• Conducted EMI exceeds FCC Class B and CISPR 22
Class B (Commercial models) and CISPR 11 Class B
(Medical models)
marked to LVD
SPECIFICATIONS:
Ac Input
85-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current at 120 Vac, 60 Hz with full rated output
load: 3.5 A
Hold-Up Time
20 ms minimum from loss of ac input at full load, nominal line
(115 Vac).
Output Power
100 W continuous, 165 W peak; 130 W with 26 cfm air flow. Peak
ratings are for 60 s maximum duration, 10% duty cycle. During
peak load condition, output regulation may exceed total
regulation limits.
Overload Protection
Fully protected against short circuit and output overload. Short
circuit protection is cycling type power limit on outputs 1 & 2;
foldback type on outputs 3 & 4. Recovery after fault is automatic.
See output ratings chart for additional notes or conditions.
Overvoltage Protection
Main outputs: 124% ± 12% typical.
Efficiency
70% at full rated load, nominal input voltage, depending on model
and load distribution.
Turn-on Time
Less than 1 second at 120 Vac, 25°C (inversely proportional to
input voltage and thermistor temperature).
Input Protection
Internal ac fuse provided. Designed to blow only if a catastrophic
failure occurs in the unit.
Inrush Current
Inrush is limited by internal thermistors. Inrush at 240 Vac under
cold start conditions will not exceed 34 A.
Temperature Coefficient
0.03%/
°C typical on all outputs.
Thermal Shutdown
Provided as a standard feature. Designed to protect unit from
prolonged overtemperature.
Environmental
Designed for 0 to 50°C operation at full rated output power;
derate output current and total output power by 2.5% per °C
above 50°C. See Environmental and Packaging Specifications
on next page.
Power Fail
TTL- or CMOS-compatible output goes low (< 0.5V) 5 ms
before output voltage drops more than 4% below nominal
voltage upon loss of ac power. The signal is factory set to
trip on 84 to 94Vac brown-out depending upon incoming line
impedance and distortion. Other settings are available to the
user through adjustment of built-in potentiometer.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, differential mode.
Measured with noise probe directly across output terminals of
the power supply.
Transient Response
Main output—500µSec typical response time for return to within
0.5% of final value for a 50% load step change.
∆i/∆t<0.2 A/µs.
Maximum voltage deviation is 3.5%. Startup/shutdown overshoot
less than 3%.
Remote Sense
Provided as a standard feature on output 1.
Voltage Adjustment
Built-in potentiometer adjusts voltage ±5% on outputs 1 & 2.
Overload Protection
Factory set to begin power limiting at approximately 170 W.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the following
emissions requirements:
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions GPC130 EN55022 Class B; FCC Class B
Conducted Emissions GPM130 EN55022 Class B; FCC Class B
Static Discharge
EN61000-4-2, 6 kV contact, 8 kV air
RF Field Susceptibility
EN61000-4-3, 3 V/meter
Fast Transients/Bursts
EN61000-4-4, 2 kV, 5 kHz
Surge Susceptibility
EN61000-4-5, 1 kV diff., 2 kV com.
Commercial Leakage Current
0.7 mA 254 Vac @ 60 Hz input.
Commercial Safety
Approved to UL1950, CSA22.2 No. 234 Level 3, IEC950 and
EN60950. UL file #E135803 commercial; CSA #LR46516 all
models.The output(s) are intended for safety earthed Signal
Output and Intermediate Circuits only. All dc outputs are SELV
under normal and single fault conditions.
Medical Leakage Current
35 µA 254 Vac @ 60 Hz input.
Medical Safety
Approved to UL2601, CSA22.2 No. 601 Level 3 and IEC601. UL
file E116994; CSA #LR46516.The output(s) are intended for
safety earthed Signal Output and Intermediate Circuits only.The
output(s) are not acceptable for patient connection without
additional isolation. All dc outputs are SELV under normal and
single fault conditions.


Similar Part No. - GPC130B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPC130B ETC2-GPC130B Datasheet
279Kb / 2P
   130 Watt Global Performance Switchers
More results

Similar Description - GPC130B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPC130EG ETC2-GPC130EG Datasheet
279Kb / 2P
   130 Watt Global Performance Switchers
logo
SL Power Electronics
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
   20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
   250 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
   40 WATT GLOBAL PERFORMANCE SWITCHERS
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
   28 Watt Global Performance Switchers
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
   140 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com