Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIMB-221 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-221
Description  AMD Turion??and Sempron??Mini-ITX with VGA/LVDS/HDMI, 6 COM, and Dual LAN Port
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-221 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-221_11 Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-221_11 Datasheet HTML 2Page - Advantech Co., Ltd. AIMB-221_11 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Board Diagram
Ordering Information
Part Number
GbE
Mini PCI
CF
COM
AIMB-221G2-00A1E
2
1
1
6
Packing List
Part number
Description
Quantity
1701400452
IDE HDD cable (40-pin)
1
1700003194
SATA HDD cable
2
1700017461
SATA power cable
2
1750001620
CPU cooler
1
1960019192T100
I/O port bracket
1
2006022110
Startup manual
1
2066022100
Driver CD
1
I/O View
AIMB-221
AIMB-221G2-00A1E
Optional Accessories
Part Number
Description
1700003195
USB cable with two ports, 17.5 cm
1700002204
USB cable with two ports, 27 cm
1700008461
USB cable with four ports, 30.5 cm
1700008809
Printer port cable, 25 cm, w/ bracket
Embedded OS/API
OS/API
Part No.
Description
Win XPE
2070004329
XPE SP2 FP2007AIMB-221 V3.5 ENG
2070005291
XPE FP2007 AIMB-221 V3.5.0 JPN_ENG
Software API
205E000021
SUSI 3.0 SW API for AIMB-221 XP
AMD M690E
AMD Socket S1g1
Dual Core Mobile Turion/
Sempron Processor
FWH
BIOS
Super IO
Winbond
W83627UHG
6 COM,WDT, PS/2, 8-Bit GPIO
Infineon SLB9635TT
TPM 1.2
(optional)
SB 600
32-bit/33 MHz PCI Bus
CRT
VGA
LVDS
HDMI
PCIe x8 DVO
Dual channel
24-bit/channel
DDR2 533/667/800
DDR2 533/667/800
Channel A
Channel B
1 ATA 133 port
4 SATA ports
8 USB ports
Realtek Audio Codec
ALC655
300MB/s
DMA 66/100/133
USB 2.0/1.1
AC-97
GbE-LAN1:
Realtek RTL8111C
GbE-LAN2:
Realtek RTL8111C (optional)
PCI1
Edge Connector
PCIe x1
PCIe x1
LPC


Similar Part No. - AIMB-221_11

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-221G2-00A1E ADVANTECH-AIMB-221G2-00A1E Datasheet
1Mb / 3P
   AMD Turion??and Sempron??Mini-ITX with VGA/LVDS/HDMI, 6 COM, and Dual LAN
09-Nov-2009
More results

Similar Description - AIMB-221_11

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-221 ADVANTECH-AIMB-221 Datasheet
1Mb / 3P
   AMD Turion??and Sempron??Mini-ITX with VGA/LVDS/HDMI, 6 COM, and Dual LAN
09-Nov-2009
AIMB-210 ADVANTECH-AIMB-210 Datasheet
1Mb / 3P
   Intel짰 ATOM??Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
SIMB-M22 ADVANTECH-SIMB-M22_14 Datasheet
672Kb / 2P
   AMD Mobile G-series Single Core Mini-ITX with VGA/LVDS/HDMI,4 COM and Dual LAN
SIMB-M22 ADVANTECH-SIMB-M22 Datasheet
812Kb / 2P
   AMD Mobile G-series Single Core Mini-ITX with VGA/LVDS/HDMI, 4 COM and Dual LAN
AIMB-212 ADVANTECH-AIMB-212 Datasheet
883Kb / 2P
   Intel짰 N450/D510 Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
20-Jan-2010
AIMB-222 ADVANTECH-AIMB-222 Datasheet
1Mb / 2P
   AMD Mobile Athlon??II Neo/Turion??II Neo Mini-ITX with CRT/LVDS/HDMI/DVI, 4 COM and Dual LAN
SIMB-M02 ADVANTECH-SIMB-M02_14 Datasheet
920Kb / 2P
   Intel짰 Atom??Mini-ITX with VGA/LVDS/HDMI, 6 COMs and LAN
SIMB-M02 ADVANTECH-SIMB-M02 Datasheet
468Kb / 2P
   Intel짰 Atom??Mini-ITX with VGA/LVDS/HDMI, 6 COMs and LAN
GMB-N270 ADVANTECH-GMB-N270 Datasheet
315Kb / 2P
   Intel짰 ATOM??Mini-ITX with Dual VGA, 6 COM, and Dual LAN
AIMB-224 ADVANTECH-AIMB-224 Datasheet
695Kb / 2P
   AMD R-series Quad Core/Dual Core Mini-ITX with VGA/LVDS/DP/eDP, 6 COM and Dual LAN
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com