Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1520 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1520
Description  Low Noise Amplifier 2 ??4 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1520 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1520 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1520 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PO Box 16759
Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: techsupport@pasternack.com
PE1520
Low Noise Amplifier
2 – 4 GHz
(1) Pasternack reserves the right to change specifications or information without notice.
www.pasternack.com
1 of 2
Product Features
2 – 4 GHz frequency range
2.5 dB Noise Figure
25 db Typical Gain
0.5 dB Typical Gain Flatness
100mA at +12VDC
Description
The PE1520 low noise amplifier is designed for
applications within the 2 to 4 GHz frequency range.
High efficiency operation is achieved by using low-
noise GaAs PHEMT devices. This amplifier is a cost
effective solution that offers typical performance of 25
dB gain, 0.5 dB gain flatness and a 2.5 dB noise figure.
Electrical Specifications (1)
Parameter
Units
Value
Description
Impedance
Ohms
50
Frequency
GHz
2.0 to 4.0
Small Signal Gain
dB
25
Typical
Gain Flatness
dB
1
Maximum
Pout at 1dB Gain Compression (P1dB)
dBm
15
Typical
Noise Figure
dB
2.5
Typical
VSWR, In
-
2:1
Maximum
VSWR, Out
-
2:1
Maximum
Vdc (internal regulator)
Volts
+11 to 15
Typical
Idc
mA
120
Maximum
Mechanical Specifications (1)
Parameter
Units
Value
Description
Operating Temperature
Celsius
-30º to +70º
Input Connector
-
SMA Female
Output Connector
-
SMA Female
Case Style
PMN715
Ordering Information
Part Number
Description
PE1520
Low Noise Amplifier, 2 – 4 GHz


Similar Part No. - PE1520

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
PE1520 DOINGTER-PE1520 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - PE1520

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TMT-4-2002 TELEDYNE-TMT-4-2002 Datasheet
892Kb / 2P
   Temperature Compensated Low Noise Amplifier 2 GHz - 4 GHz
TLA-8-2014 TELEDYNE-TLA-8-2014 Datasheet
890Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2015 TELEDYNE-TLA-8-2015 Datasheet
890Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
TLA-18-2002 TELEDYNE-TLA-18-2002 Datasheet
895Kb / 2P
   Low Noise Amplifier 2 GHz - 18 GHz
TLA-8-2013 TELEDYNE-TLA-8-2013 Datasheet
892Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
TLA-18-2003 TELEDYNE-TLA-18-2003 Datasheet
893Kb / 2P
   Low Noise Amplifier 2 GHz - 18 GHz
logo
TriQuint Semiconductor
TGA2227 TRIQUINT-TGA2227 Datasheet
1Mb / 16P
   2??2 GHz GaN Low Noise Amplifier
logo
Teledyne Technologies I...
TMA-4-0504 TELEDYNE-TMA-4-0504 Datasheet
892Kb / 2P
   Low Noise Amplifier 0.5 GHz - 4 GHz
TMA-4-0503 TELEDYNE-TMA-4-0503 Datasheet
892Kb / 2P
   Low Noise Amplifier 0.5 GHz - 4 GHz
logo
TriQuint Semiconductor
TGA8344-SCC TRIQUINT-TGA8344-SCC Datasheet
499Kb / 11P
   2 - 18 GHz Low Noise Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com