Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLC50-15 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GLC50-15
Description  50 WATT GLOBAL PERFORMANCE SWITCHERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLC50-15 Datasheet(HTML) 2 Page - SL Power Electronics

  GLC50-15 Datasheet HTML 1Page - SL Power Electronics GLC50-15 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
A. Total regulation is defined as the maximum deviation from the nominal voltage for all steady-state conditions of initial voltage setting, input line voltage and output load.
B. To maintain specified regulation on multi-output models, output #1 load power must be at least 1/5th of, and not greater than 5 times output #2 load power.
C. Add “G” suffix to model number for RoHS compliant model.
Commercial
Model
Medical
Model
Output No.
Output
Current
Minimum
Load (B)
OVP Setpoint
Noise P-P
Total
Regulation (A)
GLC50A
GLM50A
1
+5.05 V
4 A
0.8 A
6.2 ± 0.6 V
50 mV
2%
2
+12 V
2.5 A
120 mV
+10%,-5%
3
-12 V
0.2 A
120 mV
3%
GLC50B
GLM50B
1
+5.05 V
4 A
0.8 A
6.2 ± 0.6 V
50 mV
2%
2
+15 V
2.5 A
150 mV
+10%,-5%
3
-15 V
0.2 A
150 mV
3%
GLC50D
GLM50 D
1
+5.05 V
4 A
0.8 A
6.2 ± 0.6 V
50 mV
2%
2
+24 V
1.5 A
240 mV
+10%,-5%
3
-12 V
0.2 A
120 mV
3%
GLC50G
GLM50G
1
+3.3 V
4 A
0.8 A
4.2 ± 0.6 V
33 mV
2%
2
+12 V
2.5 A
120 mV
+10%-5%
3
-12 V
0.2 A
120 mV
3%
GLC50-3.3
GLM50-3.3
1
3.3 V
8 A
0.2
4.2 ± 0.6 V
66 mV
2%
GLC50-5
GLM50-5
1
5.1 V
8 A
0.4
6.2 ± 0.6 V
75 mV
2%
GLC50-12
GLM50-12
1
12 V
4.2 A
0.2
14 ± 1.1 V
120 mV
2%
GLC50-15
GLM50-15
1
15 V
3.3 A
0.16
18.5 ± 1.5 V
150 mV
2%
GLC50-24
GLM50-24
1
24 V
2.1 A
0.1
28 ± 2.5 V
240 mV
2%
GLC50-28
GLM50-28
1
28 V
1.8 A
0.09
34.5 ± 2.8 V
280 mV
2%
GLC50-48
GLM50-48
1
48 V
1.1 A
0.05
54 ± 3.0 V
480 mV
2%
SL Power Electronics Corp, 6050 King Drive, Bldg. A, Ventura, CA 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 www.slpower.com. Rev. 1/07.
Data Sheet © 2007 SL Power Electronics Corp. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, Condor accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
GLC50 MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
0 TO 50°C
-40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
A. Units should be allowed to warm up/operate under non-condensing condi-
tions before application of power. derate output current and total output
power by 2.5% per °C above 50°C.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3 orthogonal
axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to 2000Hz, 3
orthogonal axes. Tested for 10 min./axis operating and 1 hr./axis non-operating.


Similar Part No. - GLC50-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLC50-15 ETC2-GLC50-15 Datasheet
267Kb / 2P
   GLC50 Commercial/GLM50 Medical
logo
SL Power Electronics
GLC50-15 SLPOWER-GLC50-15 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
More results

Similar Description - GLC50-15

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLM50 SLPOWER-GLM50 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC50 SLPOWER-GPC50 Datasheet
267Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
   20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
   250 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
   40 WATT GLOBAL PERFORMANCE SWITCHERS
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
   28 Watt Global Performance Switchers
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
   140 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com