Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0415CDMCBDS-2R2MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # 0415CDMCBDS-2R2MC
Description  Magnetically shielded
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0415CDMCBDS-2R2MC Datasheet(HTML) 1 Page - Sumida Corporation

  0415CDMCBDS-2R2MC Datasheet HTML 1Page - Sumida Corporation 0415CDMCBDS-2R2MC Datasheet HTML 2Page - Sumida Corporation 0415CDMCBDS-2R2MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 13-Mar-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
0415CDMCB/DS
Description
• Magnetically shielded.
• L
×W×H: 4.75×4.35×1.5 mm Max.
• Product weight: 0.15g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13.0”diameter reel
• 4500pcs per reel
Applications
• Ideally used in notebook, ultrabook, tablet PC,
LCD display, SSD and other low profile high
current application.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of DC current when the inductance is over 80% of the initial value. (at 25℃ )
※3 .Temperature rise current: The actual value of DC current when the top surface temperature of test sample rise is △T=
40
℃(Ta=25℃).
Halogen
Free
4.5±0.25
4.
0.
25
2.50
1.0±0.3
1.0±0.3
2.
0.
25
1.5 Max
2.
7
2.2
5.2
1.5
1.4
1.8
285
±20%
10.0
±20%
100
0415CDMCBDS-100MC
1.6
2.3
185
±20%
6.8
±20%
6R8
0415CDMCBDS-6R8MC
2.2
2.8
108
±20%
4.7
±20%
4R7
0415CDMCBDS-4R7MC
2.5
3.2
82
±20%
3.3
±20%
3R3
0415CDMCBDS-3R3MC
3.0
3.8
67
±20%
2.2
±20%
2R2
0415CDMCBDS-2R2MC
3.5
4.5
45
±20%
1.5
±20%
1R5
0415CDMCBDS-1R5MC
4.5
7.0
30
±20%
1.0
±20%
1R0
0415CDMCBDS-1R0MC
6.5
9.5
13
±20%
0.47
±20%
R47
0415CDMCBDS-R47MC
7.5
10.0
10
±20%
0.33
±20%
R33
0415CDMCBDS-R33MC
Temperature
rise current
[Typ.] (A)
Thermocouple
Method
※3
Saturation
Current
[Typ.](A)
※2
D.C.R (m
Ω)
[within] at 25
Inductance
(
μH)
[within]
※1
Stamp
Part No.


Similar Part No. - 0415CDMCBDS-2R2MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0415CDMC SUMIDA-0415CDMC Datasheet
116Kb / 2P
   Magnetically shielded.
0415CDMCCDS SUMIDA-0415CDMCCDS Datasheet
315Kb / 5P
   SMD Power Inductor
0415CDMCCDS-1R0MC SUMIDA-0415CDMCCDS-1R0MC Datasheet
315Kb / 5P
   SMD Power Inductor
0415CDMCCDS-1R5MC SUMIDA-0415CDMCCDS-1R5MC Datasheet
315Kb / 5P
   SMD Power Inductor
0415CDMCCDS-2R2MC SUMIDA-0415CDMCCDS-2R2MC Datasheet
315Kb / 5P
   SMD Power Inductor
More results

Similar Description - 0415CDMCBDS-2R2MC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MDT2520ACN TOKO-MDT2520ACN Datasheet
128Kb / 1P
   Magnetically shielded
MBH10145C TOKO-MBH10145C Datasheet
245Kb / 1P
   Magnetically shielded
MBH12282C TOKO-MBH12282C Datasheet
246Kb / 1P
   Magnetically shielded
MBH7045C TOKO-MBH7045C Datasheet
297Kb / 2P
   Magnetically shielded
logo
Sumida Corporation
0415CDMC SUMIDA-0415CDMC Datasheet
116Kb / 2P
   Magnetically shielded.
0412CDMC SUMIDA-0412CDMC Datasheet
126Kb / 3P
   Magnetically shielded.
0420CDMCB SUMIDA-0420CDMCB Datasheet
171Kb / 3P
   Magnetically shielded.
0520CDMC SUMIDA-0520CDMC Datasheet
139Kb / 4P
   Magnetically shielded
0520CDMCBDS SUMIDA-0520CDMCBDS Datasheet
139Kb / 4P
   Magnetically shielded
logo
TOKO, Inc
MDT1608-CH TOKO-MDT1608-CH Datasheet
215Kb / 1P
   Magnetically shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com