Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP36GRT Datasheet(PDF) 11 Page - Analog Devices

Part # TMP36GRT
Description  Low Voltage Temperature Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP36GRT Datasheet(HTML) 11 Page - Analog Devices

Back Button TMP36GRT Datasheet HTML 7Page - Analog Devices TMP36GRT Datasheet HTML 8Page - Analog Devices TMP36GRT Datasheet HTML 9Page - Analog Devices TMP36GRT Datasheet HTML 10Page - Analog Devices TMP36GRT Datasheet HTML 11Page - Analog Devices TMP36GRT Datasheet HTML 12Page - Analog Devices TMP36GRT Datasheet HTML 13Page - Analog Devices TMP36GRT Datasheet HTML 14Page - Analog Devices TMP36GRT Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. C
TMP35/TMP36/TMP37
–11–
A Temperature to 4–20 mA Loop Transmitter
In many process control applications, 2-wire transmitters are
used to convey analog signals through noisy ambient environ-
ments. These current transmitters use a “zero-scale” signal
current of 4 mA that can be used to power the transmitter’s
signal conditioning circuitry. The “full-scale” output signal in
these transmitters is 20 mA.
A circuit that transmits temperature information in this fashion
is illustrated in Figure 10. Using a TMP3x as the temperature
sensor, the output current is linearly proportional to the tem-
perature of the medium. The entire circuit operates from the
3 V output of the REF193. The REF193 requires no external
trimming for two reasons: (1) the REF193’s tight initial output
voltage tolerance and (2) the low supply current of TMP3x, the
OP193 and the REF193. The entire circuit consumes less than
3 mA from a total budget of 4 mA. The OP193 regulates the
output current to satisfy the current summation at the noninverting
node of the OP193. A generalized expression for the KCL
equation at the OP193’s Pin 3 is given by:
IOUT
=
1
R 7


×
TMP 3x
× R3
R1
+
VREF
× R3
R2


For each of the three temperature sensors, the table below illus-
trates the values for each of the components, P1, P2, and R1–R4:
Table II. Circuit Element Values for Loop Transmitter
Sensor
R1( )
P1( )R2( )
P2( )R3( )R4( )
TMP35
97.6 k
5 k
1.58 M
100 k
140 k
56.2 k
TMP36
97.6 k
5 k
931 k
50 k
97.6 k
47 k
TMP37
97.6 k
5 k
10.5 k
500
84.5 k
8.45 k
Illustrated in Figure 9 is a way to convert the output voltage of a
TMP3x sensor into a current to be transmitted down a long
twisted-pair shielded cable to a ground referenced receiver. The
temperature sensors do not possess the capability of high output
current operation; thus, a garden variety PNP transistor is used
to boost the output current drive of the circuit. As shown in the
table, the values of R2 and R3 were chosen to produce an arbi-
trary full-scale output current of 2 mA. Lower values for the
full-scale current are not recommended. The minimum-scale
output current produced by the circuit could be contaminated
by nearby ambient magnetic fields operating in the vicinity of
the circuit/cable pair. Because of the use of an external transis-
tor, the minimum recommended operating voltage for this
circuit is 5 V. Note, to minimize the effects of EMI (or RFI),
both the circuit’s and the temperature sensor’s supply pins are
bypassed with good quality, ceramic capacitors.
TWISTED PAIR
BELDEN TYPE 9502
OR EQUIVALENT
TMP3x
R2
R1
4.7k
VOUT
0.1 F
2N2907
0.01 F
GND
VS
5V
R3
VOUT
SENSOR
R2
R3
TMP35
634
634
TMP36
887
887
TMP37
1k
1k
Figure 9. A Remote, 2-Wire Boosted Output Current Tem-
perature Sensor
VOUT
VS
TMP35
0.1 F
GND
OP193
0.1 F
R1*
24.9k
R4
4.99k
R5*
1.21M
TYPE K
THERMO-
COUPLE
CU
CU
R2*
102
VOUT
0V – 2.5V
R6
100k
5%
R3
10M
5%
3.3V < VS < 5.5V
COLD
JUNCTION
CHROMEL
ALUMEL
ISOTHERMAL
BLOCK
NOTE:
ALL RESISTORS 1%
UNLESS OTHERWISE NOTED
0 C
T
250 C
7
6
4
3
2
P1
50k
Figure 8. A Single-Supply, Type K Thermocouple Signal Conditioning Circuit with Cold-Junction Compensation


Similar Part No. - TMP36GRT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP36GRT-REEL7 AD-TMP36GRT-REEL7 Datasheet
341Kb / 20P
   Low Voltage Temperature Sensors
Rev. F
logo
Guangdong Youtai Semico...
TMP36GRTZ UMW-TMP36GRTZ Datasheet
5Mb / 10P
   Scale factor: 10 mV/°C
logo
Analog Devices
TMP36GRTZ-REEL7 AD-TMP36GRTZ-REEL7 Datasheet
341Kb / 20P
   Low Voltage Temperature Sensors
Rev. F
More results

Similar Description - TMP36GRT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP37 AD-TMP37_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35_10 Datasheet
341Kb / 20P
   Low Voltage Temperature Sensors
Rev. F
TMP36 AD-TMP36_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
logo
Maxim Integrated Produc...
MAX6676 MAXIM-MAX6676_V01 Datasheet
1Mb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
MAX6676 MAXIM-MAX6676 Datasheet
162Kb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
Rev 1; 1/03
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
logo
Honeywell Solid State E...
HIH-5030 HONEYWELL-HIH-5030 Datasheet
190Kb / 8P
   LOW VOLTAGE HUMIDITY SENSORS
logo
All Sensors Corporation
DS-0274 ASC-DS-0274 Datasheet
1Mb / 16P
   Low Voltage Pressure Sensors
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com