Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS05AS Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS05AS
Description  VOLTAGE REFERENCES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS05AS Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS05AS Datasheet HTML 1Page - Advanced Monolithic Systems AMS05AS Datasheet HTML 2Page - Advanced Monolithic Systems AMS05AS Datasheet HTML 3Page - Advanced Monolithic Systems AMS05AS Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS04/AMS05
TYPICAL PERFORMANCE CHARACTERISTICS
-2
2
4
8
10
0.1
1
10
100
AMS04 Reverse Characteristics
0
6
T
A =25° C
0.01
0
0.4
1.2
0.1
1
10
100
0.8
0.01
REVERSE CURRENT (mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
100
10
1.4
REVERSE VOLTAGE (V)
1
AMS04 Reverse Characteristics
AMS04 Forward Characteristics
FORWARD CURRENT (mA)
T
A =25° C
T
A =25° C
0
10
0
1.0
2.0
0
200
400
600
TIME (
µs)
AMS04 Response Time
0.5
1.5
~
~
~
~
OUTPUT
100k
INPUT
OUTPUT
INPUT
-4
4
8
16
0.1
1
10
100
AMS05 Reverse Characteristics
0
T
A =25° C
0.01
REVERSE CURRENT (mA)
0
0.5
1.0
1.5
2.0
2.5
0.1
100
10
3.0
REVERSE VOLTAGE (V)
1
Reverse Characteristics
T
A =25° C
12
0
0.4
1.6
0.1
1
10
100
0.8
0.01
AMS05 Forward Characteristics
FORWARD CURRENT (mA)
1.2
T
A =25° C
0
10
0
1.0
3.0
0
200
400
600
TIME (
µs)
AMS05 Response Time
2.0
~
~
~
~
OUTPUT
100k
INPUT
OUTPUT
INPUT


Similar Part No. - AMS05AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMS001 ETC2-AMS001 Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
logo
Silicon Laboratories
AMS001-E03 SILABS-AMS001-E03 Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
AMS001-R SILABS-AMS001-R Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
AMS001-S SILABS-AMS001-S Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
AMS002-E03 SILABS-AMS002-E03 Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
More results

Similar Description - AMS05AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
REF2025 TI1-REF2025 Datasheet
2Mb / 32P
[Old version datasheet]   Voltage References
logo
Linear Technology
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
logo
STMicroelectronics
LM236Z STMICROELECTRONICS-LM236Z Datasheet
417Kb / 9P
   2.5V VOLTAGE REFERENCES
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
logo
STMicroelectronics
LM236 STMICROELECTRONICS-LM236_07 Datasheet
426Kb / 15P
   2.5V voltage references
logo
Linear Technology
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
Texas Instruments
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com