Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9238 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9238
Description  N Female to BNC Female 4 Hole Flange Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9238 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9238 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9238 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female to BNC Female 4 Hole Flange Adapter
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector 2
BNC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mount Method
4 Hole Flange
Mechanical Specifications
Size
Length, in [mm]
1.5 [38.1]
Width/Dia., in [mm]
1 [25.4]
Height, in [mm]
1 [25.4]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-bnc-female-straight-adapter-pe9238-p.aspx
N Female to BNC Female 4 Hole Flange Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
N Female to BNC Female 4 Hole Flange Adapter
PE9238
PE9238 REV


Similar Part No. - PE9238

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9230 PASTERNACK-PE9230 Datasheet
252Kb / 3P
   50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
PE9231 PASTERNACK-PE9231 Datasheet
239Kb / 2P
   50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
   75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9233 PASTERNACK-PE9233 Datasheet
77Kb / 1P
   BNC MALE TO 75 OHM SMC JACK
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
   50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
More results

Similar Description - PE9238

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9106 PASTERNACK-PE9106 Datasheet
255Kb / 3P
   BNC Female to BNC Female 4 Hole Flange Adapter
PE9123 PASTERNACK-PE9123 Datasheet
245Kb / 2P
   4 Hole Flange N Female to BNC Male Adapter
PE9388 PASTERNACK-PE9388 Datasheet
260Kb / 3P
   N Male to BNC Female 4 Hole Flange Adapter
PE9367 PASTERNACK-PE9367 Datasheet
245Kb / 2P
   75 Ohm BNC Female to BNC Female 4 Hole Flange Adapter
PE9173 PASTERNACK-PE9173 Datasheet
254Kb / 3P
   N Female to N Female 4 Hole Flange Adapter
PE9553 PASTERNACK-PE9553 Datasheet
247Kb / 2P
   4 Hole Flange N Female to HN Female Adapter
PE9552 PASTERNACK-PE9552 Datasheet
248Kb / 2P
   N Female to TNC Female 4 Hole Flange Adapter
PE9104 PASTERNACK-PE9104 Datasheet
256Kb / 3P
   SMA Female to N Female 4 Hole Flange Adapter
PE9429 PASTERNACK-PE9429 Datasheet
386Kb / 4P
   Precision N Female to N Female 4 Hole Flange Adapter
PE9450 PASTERNACK-PE9450 Datasheet
244Kb / 2P
   Precision 4 Hole Flange N Female to TNC Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com