Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9237 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9237
Description  N Female to LC Male Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9237 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9237 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9237 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2012 Pasternack Enterprises All Rights Reserved
PE9237 REV
N Female to LC Male Adapter
PE9237
CAD Drawing


Similar Part No. - PE9237

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9230 PASTERNACK-PE9230 Datasheet
252Kb / 3P
   50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
PE9231 PASTERNACK-PE9231 Datasheet
239Kb / 2P
   50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
   75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9233 PASTERNACK-PE9233 Datasheet
77Kb / 1P
   BNC MALE TO 75 OHM SMC JACK
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
   50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
More results

Similar Description - PE9237

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9299 PASTERNACK-PE9299 Datasheet
233Kb / 2P
   N Male to LC Female Adapter
PE9298 PASTERNACK-PE9298 Datasheet
233Kb / 2P
   N Female to LC Female Adapter
PE9181 PASTERNACK-PE9181 Datasheet
235Kb / 2P
   LC Male to HN Female Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
   LC Female to HN Male Adapter
PE9398 PASTERNACK-PE9398 Datasheet
241Kb / 2P
   LC Male to LC Female Right Angle Adapter
PE9419 PASTERNACK-PE9419 Datasheet
240Kb / 2P
   LC Female to LC Female Adapter
PE9569 PASTERNACK-PE9569 Datasheet
239Kb / 2P
   LC Male to LC Male Adapter
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
   N Male to N Female Adapter
PE9124 PASTERNACK-PE9124 Datasheet
251Kb / 3P
   N Male to C Female Adapter
PE9295 PASTERNACK-PE9295 Datasheet
246Kb / 2P
   N Female to C Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com