Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9234 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9234
Description  50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9234 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9234 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9234 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
Configuration
Connector 1
BNC Male
Impedance 1
50 Ohms
Connector 2
SMC Plug
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.128 [28.65]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
BNC Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
SMC Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
3/8
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-plug-bnc-male-straight-adapter-pe9234-p.aspx
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE9234
PE9234 REV


Similar Part No. - PE9234

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9230 PASTERNACK-PE9230 Datasheet
252Kb / 3P
   50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
PE9231 PASTERNACK-PE9231 Datasheet
239Kb / 2P
   50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
   75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9233 PASTERNACK-PE9233 Datasheet
77Kb / 1P
   BNC MALE TO 75 OHM SMC JACK
PE9235 PASTERNACK-PE9235 Datasheet
77Kb / 1P
   BNC FEMALE TO 75 OHM SMC JACK
More results

Similar Description - PE9234

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9236 PASTERNACK-PE9236 Datasheet
234Kb / 2P
   50 Ohm BNC Female to 75 Ohm SMC Plug Adapter
PE9230 PASTERNACK-PE9230 Datasheet
252Kb / 3P
   50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE3C3394 PASTERNACK-PE3C3394 Datasheet
366Kb / 4P
   50 Ohm BNC Male to 75 Ohm SMC Plug Cable Using 75 Ohm RG179 Coax
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
   50 Ohm BNC Male to 75 Ohm F Male Adapter
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
   50 Ohm BNC Male to 75 Ohm F Male Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9272 PASTERNACK-PE9272 Datasheet
233Kb / 3P
   75 Ohm SMC Plug to SMC Plug Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com