Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9228 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9228
Description  75 Ohm SMC Jack to SMC Jack Bulkhead Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9228 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9228 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9228 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2012 Pasternack Enterprises All Rights Reserved
PE9228 REV
75 Ohm SMC Jack to SMC Jack Bulkhead Adapter
PE9228
CAD Drawing


Similar Part No. - PE9228

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9220 PASTERNACK-PE9220 Datasheet
242Kb / 3P
   Precision 7mm Sexless to BNC Female Adapter
PE9221 PASTERNACK-PE9221 Datasheet
246Kb / 2P
   Precision 7mm Sexless to BNC Male Adapter
PE9222 PASTERNACK-PE9222 Datasheet
241Kb / 2P
   GR874 Sexless to BNC Female Adapter
PE9223 PASTERNACK-PE9223 Datasheet
79Kb / 1P
   GR874 TO BNC MALE
PE9224 PASTERNACK-PE9224 Datasheet
83Kb / 1P
   TWINAX T FEMALE-FEMALE-FEMALE
More results

Similar Description - PE9228

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
   75 Ohm SMC Jack to SMC Jack Adapter
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
   75 Ohm SMC Jack to SMC Jack Adapter
PE9121 PASTERNACK-PE9121 Datasheet
254Kb / 3P
   SMC Jack to SMC Jack Bulkhead Adapter
PE91403 PASTERNACK-PE91403 Datasheet
362Kb / 4P
   SMC Jack to SMC Jack Bulkhead Mount Adapter
PE9244 PASTERNACK-PE9244 Datasheet
236Kb / 3P
   75 Ohm SMC Tee Adapter Jack-Plug-Jack
PE9587 PASTERNACK-PE9587 Datasheet
253Kb / 2P
   75 Ohm N Female to SMC Jack Adapter
PE9586 PASTERNACK-PE9586 Datasheet
252Kb / 2P
   75 Ohm N Male to SMC Jack Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9244 PASTERNACK-PE9244 Datasheet
78Kb / 1P
   75 OHM SMC TEE, JACK-PLUG-JACK
PE9108 PASTERNACK-PE9108 Datasheet
237Kb / 2P
   Bulkhead SMC Jack to BNC Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com