Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6000-0DA1-21002 Datasheet(PDF) 3 Page - Emcore Corporation

Part # 6000-0DA1-21002
Description  1550 nm Externally Modulated Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0DA1-21002 Datasheet(HTML) 3 Page - Emcore Corporation

  6000-0DA1-21002 Datasheet HTML 1Page - Emcore Corporation 6000-0DA1-21002 Datasheet HTML 2Page - Emcore Corporation 6000-0DA1-21002 Datasheet HTML 3Page - Emcore Corporation 6000-0DA1-21002 Datasheet HTML 4Page - Emcore Corporation 6000-0DA1-21002 Datasheet HTML 5Page - Emcore Corporation 6000-0DA1-21002 Datasheet HTML 6Page - Emcore Corporation 6000-0DA1-21002 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DATASHEET | DECEMBER 2011
FIBER OPTICS
| REV 2011.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
H-type
Property
Units
Models
Comments
Performance (Note 1-7)
6000-H01
6000-H02
Specified Link Length
L (km)
80
80
Channel Plan
NTSC 80-Ch
PAL 60-Ch
Optical Output Power
Po (dBm)
7.0/ 7.0
7.0/ 7.0
Min.
Noise Bandwidth
BW (MHz)
4
5
SBS Suppression
(dBm)
18.0
18.0
Min.
Carrier to Noise Ratio
CNR (dB)
52.0/ 52.0
52.0/ 52.0
Min.
Composite Second Order
CSO (dBc)
-65/ -65
-65/ -65
Max.
Composite Triple Beat
CTB (dBc)
-65
-65
Max. @ +25
C
Composite Triple Beat
CTB (dBc)
-64
-64
Max. @ 0
oC to 50oC
F-type
Property
Units
Models
Comments
Performance (Note 1-7)
6000-F01
6000-F02
6000-F03
6000-F04
Specified Link Length
L (km)
20
20
20
20
Channel Plan
NTSC 80-Ch
PAL 60-Ch
NTSC 110-ch
PAL 89-Ch
Optical Output Power
Po (dBm)
7.0/ 7.0
7.0/ 7.0
7.0/ 7.0
7.0/ 7.0
Min.
Noise Bandwidth
BW (MHz)
4
5
4
5
SBS Suppression
(dBm)
21.0
21.0
21.0
21.0
Min.
Carrier to Noise Ratio
CNR (dB)
48.0
48.0
45.0
45.0
Min.
Composite Second Order
CSO (dBc)
-58
-58
-58
-58
Max.
Composite Triple Beat
CTB (dBc)
-58
-58
-58
-58
Max.
N-type
Property
Units
Models
Comments
Performance (Note 1-7)
6000-N01
6000-N02
Specified Link Length
L (km)
40
40
Channel Plan
NTSC 80-Ch
PAL 60-Ch
Optical Output Power
Po (dBm)
9.5
9.5
Min.
Noise Bandwidth
BW (MHz)
4
5
SBS Suppression
(dBm)
13.0
13.0
Min.
Carrier to Noise Ratio
CNR (dB)
52.0
52.0
Min.
Composite Second Order
CSO (dBc)
-62
-62
Max.
Composite Triple Beat
CTB (dBc)
-62
-62
Max. @ +25
C
Composite Triple Beat
CTB (dBc)
-61
-61
Max. @ 0
oC to 50oC
Notes:
1. Unless stated otherwise all specifications apply over full temperature range with no digital loading.
2. Unless stated otherwise specifications apply for nominal RF input level as defined below, after a 30 minute
stabilization period.
3. Specifications separated by a slash are port1 / port 2.
4. Units are tested per the Test / Link Configuration Table
5. Noise figure for the EDFA = 4.5 ~ 5.5 dB
6. Corning SMF-28 single mode fiber
7. Receiver responsivity is 0.95 mA/mW, Equivalent noise current is 7 pA/(Hz)1/2
8. With 36 QPSK modulated SAT-IF signals between 950 … 2800 MHz. 27 MHz IF bandwidth
Medallion 6000 Series 1550 nm
Externally Modulated Transmitter


Similar Part No. - 6000-0DA1-21002

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0DA1-11001 EMCORE-6000-0DA1-11001 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0DA1-11001 EMCORE-6000-0DA1-11001 Datasheet
459Kb / 7P
   Single or Dual Optical Outputs
More results

Similar Description - 6000-0DA1-21002

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com