Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3998-0SC1-22002 Datasheet(PDF) 6 Page - Emcore Corporation

Part # 3998-0SC1-22002
Description  1550 nm Externally Modulated Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

3998-0SC1-22002 Datasheet(HTML) 6 Page - Emcore Corporation

  3998-0SC1-22002 Datasheet HTML 1Page - Emcore Corporation 3998-0SC1-22002 Datasheet HTML 2Page - Emcore Corporation 3998-0SC1-22002 Datasheet HTML 3Page - Emcore Corporation 3998-0SC1-22002 Datasheet HTML 4Page - Emcore Corporation 3998-0SC1-22002 Datasheet HTML 5Page - Emcore Corporation 3998-0SC1-22002 Datasheet HTML 6Page - Emcore Corporation 3998-0SC1-22002 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Outline Drawing (Dimensions in inches)
Laser Safety Information
This product meets the applicable requirements of 21 CFR 1010 & 1040 and is classified as a class 1M laser product. During use
as intended, the laser energy is fully contained within the fiber network such that there is no accessible laser radiation. This
product has been issued accession number 0820466-001.
3998 Series 1550 nm
Externally Modulated Transmitter


Similar Part No. - 3998-0SC1-22002

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3998-0SC1-21001 EMCORE-3998-0SC1-21001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
More results

Similar Description - 3998-0SC1-22002

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com