Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1935F-A-SI-A-1351-SA-06-N Datasheet(PDF) 6 Page - Emcore Corporation

Part # 1935F-A-SI-A-1351-SA-06-N
Description  Coaxial DFB Laser Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1935F-A-SI-A-1351-SA-06-N Datasheet(HTML) 6 Page - Emcore Corporation

  1935F-A-SI-A-1351-SA-06-N Datasheet HTML 1Page - Emcore Corporation 1935F-A-SI-A-1351-SA-06-N Datasheet HTML 2Page - Emcore Corporation 1935F-A-SI-A-1351-SA-06-N Datasheet HTML 3Page - Emcore Corporation 1935F-A-SI-A-1351-SA-06-N Datasheet HTML 4Page - Emcore Corporation 1935F-A-SI-A-1351-SA-06-N Datasheet HTML 5Page - Emcore Corporation 1935F-A-SI-A-1351-SA-06-N Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Ordering Code Definitions
1935x - a - bb - c - dddd - ww - yy - z
Example
1935F-B-DI-A-1271-SA-10-N: Forward Path Uncooled O-Band CWDM Coaxial Laser, Enhanced Linearity, Double Isolator,
Pinout A, 1271 nm, SC/APC optical connector, 10 dBm optical power, no mounting bracket.
1935 F/R/W Coaxial DFB Laser Diode
O-Band CWDM 5 MHz – 4000 MHz
Family Name
1935F: Forward Path
1935R: Return Path
1935W: Wideband
Pinout
c = A: Pinout A
Distortion Performance
a = A: Standard Linearity
a = B: Enhanced Linearity (not available for 1935W)
Fiber Length, Optical Connector
ww = FA: FC/APC, 900 micron buffer, 1.0 – 1.4 meter
ww = SA: SC/APC, 900 micron buffer, 1.0 – 1.4 meter
Optical Output Power
yy = 03: 3 dBm (2 mW)
yy = 05: 5 dBm (3 mW)
yy = 06: 6 dBm (4 mW)
yy = 09: 9 dBm (8 mW) – (only available for 1935F and 1935W)
yy = 10: 10 dBm (10 mW) – (only available for 1935F and 1935W)
Mounting Bracket
z = B: Mounting Bracket
z = N: No Mounting Bracket
Optical Isolator
bb = DI: Double Isolator (only available for optical 3 – 6dBm)
bb = SI: Single Isolator
O-Band Wavelength
dddd = 1271:1271 nm
dddd = 1291:1291 nm
dddd = 1311:1311 nm
dddd = 1331:1331 nm
dddd = 1351:1351 nm
dddd = 1371:1371 nm


Similar Part No. - 1935F-A-SI-A-1351-SA-06-N

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1935F-A-SI-A-1351-SA-03-B EMCORE-1935F-A-SI-A-1351-SA-03-B Datasheet
504Kb / 6P
   1935 F/R/W Coaxial DFB Laser Diode
1935F-A-SI-A-1351-SA-05-B EMCORE-1935F-A-SI-A-1351-SA-05-B Datasheet
504Kb / 6P
   1935 F/R/W Coaxial DFB Laser Diode
More results

Similar Description - 1935F-A-SI-A-1351-SA-06-N

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1933F EMCORE-1933F_12 Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
1933F-A-A-FA-03-B EMCORE-1933F-A-A-FA-03-B Datasheet
156Kb / 7P
   1310 nm CATV Coaxial DFB Laser Diode
1935FRW EMCORE-1935FRW Datasheet
504Kb / 6P
   1935 F/R/W Coaxial DFB Laser Diode
1955FRW EMCORE-1955FRW Datasheet
505Kb / 6P
   1955 F/R/W Coaxial DFB Laser Diode
1933FRW EMCORE-1933FRW Datasheet
485Kb / 6P
   1933 F/R/W Coaxial DFB Laser Diode
logo
Roithner LaserTechnik G...
RLT1310-30MGS ROITHNER-RLT1310-30MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
RLT1550-20MGS ROITHNER-RLT1550-20MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
RLT1310-20MGS ROITHNER-RLT1310-20MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
logo
California Eastern Labs
NX8601BF-AA CEL-NX8601BF-AA Datasheet
482Kb / 5P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com