Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3998-0SB1-22002 Datasheet(PDF) 4 Page - Emcore Corporation

Part # 3998-0SB1-22002
Description  1550 nm Externally Modulated Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

3998-0SB1-22002 Datasheet(HTML) 4 Page - Emcore Corporation

  3998-0SB1-22002 Datasheet HTML 1Page - Emcore Corporation 3998-0SB1-22002 Datasheet HTML 2Page - Emcore Corporation 3998-0SB1-22002 Datasheet HTML 3Page - Emcore Corporation 3998-0SB1-22002 Datasheet HTML 4Page - Emcore Corporation 3998-0SB1-22002 Datasheet HTML 5Page - Emcore Corporation 3998-0SB1-22002 Datasheet HTML 6Page - Emcore Corporation 3998-0SB1-22002 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
General and Mechanical Specifications
Property
Requirement
Comments
Wavelength
1555 +/-5 nm
Various Options + ITU-grid available – see
Model Number Information
Channel Plan
Various – See Specification Tables
Custom channel plans available
Optical Connector
SC/APC
Other styles available
Monitoring Interfaces
100 Base-T Ethernet (SNMP)
Rear Panel RS-232 interface
VFD Screen Front Panel Controls
VFD- (Vacuum Fluorescent Display)
Operating Temperature
0
C to 50C
Storage Temperature
-20
C to 70C
Power Consumption
65W max
Agency Listings
EMI:
EN50083-2:2006 (US CATV)
EN55022:2006 (US IT)
EN61000-3-2 (Harmonics)
EN61000-3-3 (Flicker)
FCC: Part 15, Subpart B, class “A” Unintentional
Radiators
ICES-003 (Canada)
AN/NZS 3548, Class A (Australia)
VCCI, Class A (Japan)
Safety:
FDA/CDRH Laser Safety Governed by Code
of Federal Regulations Title 21, Volume 8,
Part 1040
IEC 60950-1
IEC 60728-11
Laser IEC 60825-1
CB Certification
Transportation Vibration
GR-2853-CORE
In Shipping package
Transportation Shock
GR-2853-CORE
In Shipping package
Operating Humidity
20% to 85%
Non-condensing
Supply Range
(VAC)
(VDC)
90 to 265 VAC, 50/60 Hz
+/- (36 – 72) VDC
Dimensions
19.0”W x 15.0”D x 1.72”H
(width includes 19” front panel ears, depth
includes, connectors, fans & front panel) – see
drawing
Input Power Range
17 +/-1 dBmV/ch 80 NTSC channels
Manual mode
15 +/-1 dBmV/ch 110 NTSC channels
Manual mode
18 +/-1 dBmV/ch 60 PAL channels
Manual mode
20 +/-1 dBmV/ch 42 CENELEC channels
Manual mode
16 +/-1 dBmV/ch 89 PAL channels
Manual mode
27 +/-1 dBmV/ch SAT-IF channels
Manual mode
Input Power Range
19 +/-2 dBmV/ch 80 NTSC channels
CW mode
17 +/-2 dBmV/ch 110 NTSC channels
CW mode
20 +/-2 dBmV/ch 60 PAL channels
CW mode
18 +/-2 dBmV/ch 89 PAL channels
CW mode
22 +/-2 dBmV/ch 42 CENELEC channels
CW mode
29 +/-2 dBmV/ch SAT-IF channels
AGC mode
3998 Series 1550 nm
Externally Modulated Transmitter


Similar Part No. - 3998-0SB1-22002

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3998-0SB1-21001 EMCORE-3998-0SB1-21001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
More results

Similar Description - 3998-0SB1-22002

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com