Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D-XNM-1W Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # D-XNM-1W
Description  1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D-XNM-1W Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  D-XNM-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd D-XNM-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd D-XNM-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D-X
D-X
D-X
D-X
D-X
D-X
D-X
D-XN
N
N
N
N
N
N
NM-1W
M-1W
M-1W
M-1W
M-1W
M-1W
M-1W
M-1W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Note:
Unit:mm[ inch]
Pin sect ion tolerances:±0.10mm[±0.004inch]
General tolerances:±0.25mm[±0.010inch]
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
L=530mm[20.866inch]
Tube Quantity: 30pcs
L=220mm[8.661inch]
Tube Quantity: 11pcs
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646
E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.


Similar Part No. - D-XNM-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
More results

Similar Description - D-XNM-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D-XM-1W MICRODC-D-XM-1W Datasheet
586Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
IB-XT-1W MICRODC-IB-XT-1W Datasheet
607Kb / 3P
   1W,FIXED INPUT,ISOLATED & REGULATEDSINGLE OUTPUT,SMD DC-DCCONVERTER
ID-XH30M-1W MICRODC-ID-XH30M-1W Datasheet
970Kb / 2P
   1W,FIXED INPUT,3000VDCISOLATED & REGULATEDTWINOUTPUTDC-DCCONVERTER
ID-XH30S-1W MICRODC-ID-XH30S-1W Datasheet
571Kb / 2P
   1W,FIXED INPUT,3000VDCISOLATED & REGULATEDTWINOUTPUTDC-DCCONVERTER
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
B-NXT-1W MICRODC-B-NXT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMDC-DCCONVERTER
A-XT-1W MICRODC-A-XT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUTSMDC-DCCONVERTER
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XM MICRODC-D-XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XMS MICRODC-D-XMS Datasheet
391Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com