Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSF8045SK41 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DSF8045SK41
Description  Fast Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DSF8045SK41 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DSF8045SK41 Datasheet HTML 1Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 2Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 3Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 4Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 5Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 6Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
DSF8045SK
www.dynexsemi.com
Replaces January 2000 version, DS4150-6.0
DS4146-7.0 June 2004
APPLICATIONS
I Snubber Diode For GTO Applications
FEATURES
I Double side cooling
I High surge capability
I Low recovery charge
VOLTAGE RATINGS
KEY PARAMETERS
V
RRM
4500V
I
F(AV)
430A
I
FSM
3500A
Q
r
440
µC
t
rr
3.07
µs
4500
4400
4300
4200
4100
4000
DSF8045SK45
DSF8045SK44
DSF8045SK43
DSF8045SK42
DSF8045SK41
DSF8045SK40
Conditions
V
RSM
= V
RRM
+ 100V
Lower voltage grades available.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
Outline type code: K.
See Package Details for further information.
DSF8045SK
Fast Recovery Diode
Advance Information
ORDERING INFORMATION
When ordering, select the required part number shown in the
Voltage Ratings selection table, e.g.:
DSF8045SK43
Note: Please use the complete part number when ordering and
quote this number in any future correspondance relating to your
order.
Fig. 1 Package outline


Similar Part No. - DSF8045SK41

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DSF8045SK41 DYNEX-DSF8045SK41 Datasheet
63Kb / 9P
   Fast Recovery Diode
DSF8045SK41 DYNEX-DSF8045SK41 Datasheet
263Kb / 7P
   Fast Recovery Diode
More results

Similar Description - DSF8045SK41

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com