Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRD2960Y40 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DRD2960Y40
Description  Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DRD2960Y40 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DRD2960Y40 Datasheet HTML 1Page - Dynex Semiconductor DRD2960Y40 Datasheet HTML 2Page - Dynex Semiconductor DRD2960Y40 Datasheet HTML 3Page - Dynex Semiconductor DRD2960Y40 Datasheet HTML 4Page - Dynex Semiconductor DRD2960Y40 Datasheet HTML 5Page - Dynex Semiconductor DRD2960Y40 Datasheet HTML 6Page - Dynex Semiconductor DRD2960Y40 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
- 5 -
SEMICONDUCTOR
DRD2960Y40
5/7
www.dynexsemi.com
Fig.4 Total stored charge
Fig.5 Maximum reverse recovery current
Fig.6 Surge (non-repetitive) forward current vs time
(with 50% VRRM at Tcase 150°C)
Fig.7 Maximum (limit) transient thermal impedance-
junction to case


Similar Part No. - DRD2960Y40

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DRD2960Y40 DYNEX-DRD2960Y40 Datasheet
278Kb / 7P
   Rectifier Diode
DRD2960Y40 DYNEX-DRD2960Y40_15 Datasheet
278Kb / 7P
   Rectifier Diode
More results

Similar Description - DRD2960Y40

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com