Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDU1-40-1AD Datasheet(PDF) 2 Page - SL Power Electronics

Part # MDU1-40-1AD
Description  OPEN-FRAME SWITCHING POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MDU1-40-1AD Datasheet(HTML) 2 Page - SL Power Electronics

  MDU1-40-1AD Datasheet HTML 1Page - SL Power Electronics MDU1-40-1AD Datasheet HTML 2Page - SL Power Electronics MDU1-40-1AD Datasheet HTML 3Page - SL Power Electronics MDU1-40-1AD Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
40W
Output Current
Output
Output Voltage Min. Nom. Max. Voltage Line Load Cross-
Model
Output (V)
(A)
(A)
(A)
Tol.
Reg.
Reg. Reg.
DC-DC Duals
36-75 VDC Input
DC2-40-1AC
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
V2
+12
0.0
2.00
3.00
5.0%
0.5% 3.0% 4.0%
DC2-40-2AC
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
V2
+15
0.0
1.70
2.00
5.0%
0.2% 3.0% 4.0%
DC2-40-3AC
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
V2
+24
0.0
1.00
1.50
5.0%
0.2% 3.0% 4.0%
DC2-40-4AC
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
V2
+28
0.0
1.00
1.00
5.0%
0.5% 3.0% 4.0%
AC-DC Triples
85-265 VAC Input
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
FLU3-40-1AD
V2
+12
0.0
1.50 3.00* 5.0%
1.0% 3.0% 4.0%
V3
-12
0.0
0.50
0.70
5.0%
0.2% 1.0% 1.0%
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
FLU3-40-2AD
V2
+12
0.0
1.50 3.00* 5.0%
1.0% 3.0% 4.0%
V3
-5
0.0
1.00
1.00
3.0%
0.2% 1.0% 1.0%
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
FLU3-40-3AD
V2
+15
0.0
1.20 2.00
5.0%
1.0% 3.0% 4.0%
V3
-15
0.0
0.50
0.60
5.0%
0.2% 1.0% 1.0%
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
FLU3-40-4AD
V2
+24
0.0
0.75 1.50
§
5.0%
1.0% 3.0% 4.0%
V3
-12
0.0
0.50
0.70
5.0%
0.2% 1.0% 1.0%
V1
5(ISO)
0.0
5.00
6.00
1.0%
0.2% 0.5%
FLU3-40-5AD
V2 12(ISO)
0.0
0.30
0.50
4.0%
0.5% 1.0% 1.0%
V3 12(ISO)
0.0
0.30
0.50
4.0%
0.5% 1.0% 1.0%
V1
5(ISO)
0.0
5.00
6.00
1.0%
0.2% 0.5%
FLU3-40-6AD
V2 15(ISO)
0.0
0.30
0.50
4.0%
0.5% 1.0% 1.0%
V3 15(ISO)
0.0
0.30
0.50
4.0%
0.5% 1.0% 1.0%
Output Current
Output
Output Voltage Min. Nom. Max. Voltage Line Load Cross-
Model
Output (V)
(A)
(A)
(A)
Tol.
Reg.
Reg. Reg.
AC-DC Triples
To UL544/EN60-601/CSA 22.2-601.1
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
MDU3-40-1AD
V2
+12
0.0
1.50 3.00* 5.0%
1.0% 3.0% 4.0%
V3
-12
0.0
0.50
0.70
5.0%
0.2% 1.0% 1.0%
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
MDU3-40-2AD
V2
+12
0.0
1.50 3.00* 5.0%
1.0% 3.0% 4.0%
V3
-5
0.0
1.00
1.00
3.0%
0.2% 1.0% 1.0%
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
MDU3-40-3AD
V2
+15
0.0
1.20 2.00
5.0%
1.0% 3.0% 4.0%
V3
-15
0.0
0.50
0.60
5.0%
0.2% 1.0% 1.0%
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
MDU3-40-4AD
V2
+24
0.0
0.75 1.50
§
5.0%
1.0% 3.0% 4.0%
V3
-12
0.0
0.50
0.70
5.0%
0.2% 1.0% 1.0%
DC-DC Triples
36-75 VDC Input
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
DC3-40-1AC
V2
+12
0.0
1.50 3.00* 5.0%
1.0% 3.0% 4.0%
V3
-12
0.0
0.50
0.70
5.0%
0.2% 1.0% 1.0%
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
DC3-40-2AC
V2
+12
0.0
1.50 3.00* 5.0%
1.0% 3.0% 4.0%
V3
-5
0.0
1.00
1.00
3.0%
0.2% 1.0% 1.0%
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
DC3-40-3AC
V2
+15
0.0
1.20 2.00
5.0%
1.0% 3.0% 4.0%
V3
-15
0.0
0.50
0.60
5.0%
0.2% 1.0% 1.0%
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
DC3-40-4AC
V2
+24
0.0
0.75 1.50
§
5.0%
1.0% 3.0% 4.0%
V3
-12
0.0
0.50
0.70
5.0%
0.2% 1.0% 1.0%
* Peak output current rating = 5.0A (<60 seconds, duty cycle <10%).
† Peak output current rating = 3.0A (<60 seconds, duty cycle <10%).
§ Peak output current rating = 2.0A (<60 seconds, duty cycle <10%).
Notes
1. Replace the input line fuse with the same type and rating.
Recommended: 2A/250V slow-blow fuse.
2. The sum of primary and auxiliary output currents from triple
output models -1AD through -4AD must not exceed 5.0A.
3. Hi-pot isolation is 2200 VDC from the input of the supply to
ground for 60 seconds.
4. All measurements are made directly at the terminals of the
power supply.
5. Peak-to-peak and RMS metering equipment must have a 20
MHz frequency response with probes and cables that main-
tain a frequency response of 20 Hz to 20 MHz. Output rip-
ple and spikes are measured directly at the output terminals
of the power supply with a 0.1 µF ceramic capacitor. The
probe ground band must make direct contact with the output
return or common terminal to prevent erroneous noise mea-
surements.
6. MTBF is calculated using the parts stress method in MIL-
HDBK 217F (ground benign, TA = +25°C).
7. Output voltage tolerance is measured under nominal load
current conditions.
8. Line regulation is measured under nominal load conditions
as the input voltage is varied from 85 to 265 VAC (ac-input
models) or from 36 to 75 VDC (dc-input models).
9. Load regulation is measured at 115 VAC or 230 VAC. For
single output models, load regulation is measured while out-
put current is varied from 0% to 100% of full load. With mul-
tiple output models, the output under test is brought to 60%
of nominal load; load current is then varied +40%/-30% of nominal while other outputs
are held at nominal load conditions.
10. Cross-regulation is tested by changing the load on the primary output from 50% to
100% of nominal load while measuring the voltage change on the auxiliary output
under test.
11. The FLU1-40, FLU2-40 and FLU3-40 series are approved to UL1950 (File E140439),
CSA22.2 No. 234 (File LR52335), EN60950/IEC950/DIN VDE 0805 (TÜV Licenses
R679206, R0097621, R9071501), and Austel CCL (Certificate A92/PS/004).
12. The FLU3-40 series has BABT/EN41003 approval ((NS/4199/123/R/604674).
13. The MDU1-40, MDU2-40 and MDU3-40 series are approved to UL544 (File E151357),
CSA 22.2 No. 601.1 (File LR52335) and EN60-601/IEC601-1/DIN VDE 0750 (TÜV
Licenses R9271474, R9271475, R9271476).
14. The DC2-40 and DC3-40 series are approved to UL1950 (File E140439), CSA22.2 No.
234 (File LR52335), and EN60950/IEC950/DIN VDE 0805 (TÜV License R9071501).
OPEN-FRAME SWITCHING POWER SUPPLIES
POWER GENERAL
152 Will Drive · Canton, MA 02021 USA · Phone 781-828-6216 · Fax 781-830-1155 · Email power@nidecpg.com
9
Model Selection Guide
FLU 2
40
1 A D
Series
FLU = AC Input
MDU = AC Input
(UL544/IEC601 Safety)
DC = DC Input
Number of Outputs
Output Power (W)
Output Voltage (Model)
Input Voltage
D = 85-265 VAC
C = 36 to 75 VDC
Construction
A = Open PCB
B = L-Bracket
C = Full Enclosure
--


Similar Part No. - MDU1-40-1AD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MDU1-50-1AD SLPOWER-MDU1-50-1AD Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-50-2AD SLPOWER-MDU1-50-2AD Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-50-3AD SLPOWER-MDU1-50-3AD Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-50-4AD SLPOWER-MDU1-50-4AD Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-50-5AD SLPOWER-MDU1-50-5AD Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
More results

Similar Description - MDU1-40-1AD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
FLU1-50 SLPOWER-FLU1-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU50-60 SLPOWER-FLU50-60 Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLUX-50 SLPOWER-FLUX-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
logo
Astrodyne Corporation
LFM20 ASTRODYNE-LFM20 Datasheet
938Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
OFM20 ASTRODYNE-OFM20_16 Datasheet
179Kb / 3P
   20W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5 Datasheet
780Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com