Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLU1-50-6AD Datasheet(PDF) 4 Page - SL Power Electronics

Part # FLU1-50-6AD
Description  OPEN-FRAME SWITCHING POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

FLU1-50-6AD Datasheet(HTML) 4 Page - SL Power Electronics

  FLU1-50-6AD Datasheet HTML 1Page - SL Power Electronics FLU1-50-6AD Datasheet HTML 2Page - SL Power Electronics FLU1-50-6AD Datasheet HTML 3Page - SL Power Electronics FLU1-50-6AD Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Pin-Out
FLU3-50
FLU3-50
Pin
FLU2-50
Models 1-3
Models 4-5 FLU1-60
1
V2
V2
+V2(ISO)
+Sense
§
2V1
V1
- V2(ISO)
V1
3
V1
V1
+V1(ISO)
V1
4
Common
Common
+V1(ISO)
V1
5
Common
Common
+V1(ISO)
Return
6
N/C
V3
- V1(ISO)
Return
7
N/A
N/A
- V1(ISO)
Return
8
N/A
N/A
- V1(ISO)
-Sense
§
9
N/A
N/A
- V3(ISO)
N/A
10
N/A
N/A
+V3(ISO)
N/A
§
If sense terminals are not used, tie together Pins 1 and 2 and tie
together Pins 7 and 8.
A. Dimensions shown are in inches.
B. Tolerances = 0.00 ±0.01 inch.
0.000 ±0.005 inch.
C. P1 input connectors are Molex 26-60-4030. The mating connector
combines Molex housing 43061-0003 and crimp terminal 08-70-1030.
D. P2 output connectors:
FLU1-60 series—Molex 26-60-4080
FLU2-50 series—Molex 26-60-4060
FLU3-50 series, Models 1, 2, 3—Molex 26-60-4060
FLU3-50 series, Models 4, 5—Molex 26-60-4100
Mating connector housings:
FLU1-60 series—Molex 43061-0008.
FLU2-50 series—Molex 43061-0006.
FLU3-50 series, models 1, 2, 3—Molex 43061-0006.
FLU3-50 series, models 4, 5—Molex 43061-0010.
Crimp terminals:
All models—Molex 08-70-1030.
50-60W
A. Dimensions shown are in inches.
B. Tolerances = 0.00 ±0.01 inch.
0.000 ±0.005 inch.
C. Under-voltage shutdown on the DC60 series is activated
at 10% below low line, typical. Over-voltage shutdown is
typically activated at 10% above high line.
D. A TTL HIGH signal at the external shutdown pin of the
DC60 series disables the unit.
E. External frequency synchronization of the DC60 series
requires a 2.8V positive pulse (>9.1 µs) at the external
synch pin.
Pin-Out
Terminal
DC60
1
+Sense
§
2V1
3V1
4
Return
5
Return
6
-Sense
§
§
If Sense terminals are not used, tie
together Terminals 1 and 2 and tie
together Terminals 5 and 6.
DC60 SERIES
FLU2-50 / FLU3-50 / FLU1-60 SERIES
OPEN-FRAME SWITCHING POWER SUPPLIES
POWER GENERAL 152 Will Drive · Canton, MA 02021 USA · Phone 781-828-6216 · Fax 781-830-1155 · Email power@nidecpg.com
15


Similar Part No. - FLU1-50-6AD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
FLU1-50-1AD SLPOWER-FLU1-50-1AD Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU1-50-1AD SLPOWER-FLU1-50-1AD Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU1-50-3AD SLPOWER-FLU1-50-3AD Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU1-50-3AD SLPOWER-FLU1-50-3AD Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU1-50-5AD SLPOWER-FLU1-50-5AD Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
More results

Similar Description - FLU1-50-6AD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
FLU40 SLPOWER-FLU40 Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU1-50 SLPOWER-FLU1-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLUX-50 SLPOWER-FLUX-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
logo
Astrodyne Corporation
LFM20 ASTRODYNE-LFM20 Datasheet
938Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
OFM20 ASTRODYNE-OFM20_16 Datasheet
179Kb / 3P
   20W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5 Datasheet
780Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com