Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2211P Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2211P
Description  Low Distortion 1.5 Watt Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211P Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2211P Datasheet HTML 5Page - Analog Devices SSM2211P Datasheet HTML 6Page - Analog Devices SSM2211P Datasheet HTML 7Page - Analog Devices SSM2211P Datasheet HTML 8Page - Analog Devices SSM2211P Datasheet HTML 9Page - Analog Devices SSM2211P Datasheet HTML 10Page - Analog Devices SSM2211P Datasheet HTML 11Page - Analog Devices SSM2211P Datasheet HTML 12Page - Analog Devices SSM2211P Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SSM2211
REV. 0
–9–
Driving a speaker differentially from a bridged output offers an-
other advantage in that it eliminates the need for an output cou-
pling capacitor to the load. In a single supply application, the
quiescent voltage at the output is 1/2 of the supply voltage. If a
speaker were connected in a single ended configuration, a cou-
pling capacitor would be needed to prevent dc current from
flowing through the speaker. This capacitor would also need to
be large enough to prevent low frequency roll-off. The corner
frequency is given by:
f
RC
dB
LC
=
3
1
2
π
(4)
Where
RL is the speaker resistance and,
CC is the coupling capacitance
For an 8
Ω speaker and a corner frequency of 20 Hz, a 1000 µF
capacitor would be needed, which is quite physically large and
costly. By connecting a speaker in a bridged output configura-
tion, the quiescent differential voltage across the speaker be-
comes nearly zero, eliminating the need for the coupling
capacitor.
Speaker Efficiency and Loudness
The effective loudness of 1 W of power delivered into an 8
speaker is a function of the efficiency of the speaker. The effi-
ciency of a speaker is typically rated as the sound pressure level
(SPL) at 1 meter in front of the speaker with 1 W of power
applied to the speaker. Most speakers are between 85 dB and
95 dB SPL at 1 meter at 1 W. Table I shows a comparison of
the relative loudness of different sounds.
Table I. Typical Sound Pressure Levels
Source of Sound
dB SPL
Threshold of Pain
120
Heavy Street Traffic
95
Cabin of Jet Aircraft
80
Average Conversation
65
Average Home at Night
50
Quiet Recording Studio
30
Threshold of Hearing
0
It can easily be seen that 1 W of power into a speaker can pro-
duce quite a bit of acoustic energy.
Power Dissipation
Another important advantage in using a bridged output configu-
ration is the fact that bridged output amplifiers are more effi-
cient than single ended amplifiers in delivering power to a load.
Efficiency is defined as the ratio of power from the power supply
to the power delivered to the load
η =


P
P
L
SY
. An amplifier
with a higher efficiency has less internal power dissipation,
which results in a lower die-to-case junction temperature, as
compared to an amplifier that is less efficient. This is important
when considering the amplifier device’s maximum power dissi-
pation rating versus ambient temperature. An internal power
dissipation versus output power equation can be derived to fully
understand this.
The internal power dissipation of the amplifier is the internal
voltage drop multiplied by the average value of the supply cur-
rent. An easier way to find internal power dissipation is to take
the difference between the power delivered by the supply voltage
source and the power delivered into the load. The waveform of
the supply current for a bridged output amplifier is shown in
Figure 40.
IDD, AVG
TIME
T
T
TIME
VOUT
VPEAK
ISY
IDD, PEAK
Figure 40. Bridged Amplifier Output Voltage and Supply
Current vs. Time
By integrating the supply current over a period T, then dividing
the result by T, IDD,AVG can be found. Expressed in terms of
peak output voltage and load resistance:
I
V
R
DD AVG
PEAK
L
,
=
2
π
(5)
therefore power delivered by the supply, neglecting the bias cur-
rent for the device is,
P
VV
R
SY
DD
PEAK
L
=
2
π
(6)
Now, the power dissipated by the amplifier internally is simply
the difference between Equation 6 and Equation 3. The equa-
tion for internal power dissipated, PDISS, expressed in terms of
power delivered to the load and load resistance is:
P
V
R
PP
DISS
DD
L
LL
=
×
22
π
(7)
The graph of this equation is shown in Figure 41.


Similar Part No. - SSM2211P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211 AD-SSM2211 Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211 AD-SSM2211 Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211-EVAL AD-SSM2211-EVAL Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211CP-R2 AD-SSM2211CP-R2 Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211CP-REEL AD-SSM2211CP-REEL Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
More results

Similar Description - SSM2211P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211_15 Datasheet
383Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211_07 Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
logo
ON Semiconductor
NCS2211 ONSEMI-NCS2211_14 Datasheet
130Kb / 11P
   Low Distortion Audio Power Amplifier
May, 2014 ??Rev. 3
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com