Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2250 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2250
Description  Mono 1.5 W/Stereo 250 mW Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2250 Datasheet(HTML) 3 Page - Analog Devices

  SSM2250 Datasheet HTML 1Page - Analog Devices SSM2250 Datasheet HTML 2Page - Analog Devices SSM2250 Datasheet HTML 3Page - Analog Devices SSM2250 Datasheet HTML 4Page - Analog Devices SSM2250 Datasheet HTML 5Page - Analog Devices SSM2250 Datasheet HTML 6Page - Analog Devices SSM2250 Datasheet HTML 7Page - Analog Devices SSM2250 Datasheet HTML 8Page - Analog Devices SSM2250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SSM2250
–3–
REV. 0
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Differential Input Voltage
2
. . . . . . . . . . . . . . . . . . . . . . . .
±5 V
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . .
±6 V
ESD Susceptibility . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000 V
Storage Temperature Range
RM, RU Packages . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
SSM2250 . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
RM, RU Packages . . . . . . . . . . . . . . . . . . –65
°C to +165°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2Differential Input Voltage or
± V
S, whichever is lower.
Package Type
JA
1
JC
Unit
10-Lead MSOP (RM)
200
44
°C/W
14-Lead TSSOP (RU)
180
35
°C/W
NOTE
1
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for device soldered
in circuit board for surface mount packages.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the SSM2250 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
SSM2250RM
–40
°C to +85°C 10-Lead MSOP RM-10
SSM2250RU
–40
°C to +85°C 14-Lead TSSOP RU-14


Similar Part No. - SSM2250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2250 AD-SSM2250 Datasheet
256Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RM-R2 AD-SSM2250RM-R2 Datasheet
256Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RM-REEL AD-SSM2250RM-REEL Datasheet
256Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RMZ-R21 AD-SSM2250RMZ-R21 Datasheet
256Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RMZ-REEL AD-SSM2250RMZ-REEL Datasheet
256Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
More results

Similar Description - SSM2250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2250 AD-SSM2250_05 Datasheet
256Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250 AD-SSM2250_15 Datasheet
790Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
logo
National Semiconductor ...
LM4850 NSC-LM4850 Datasheet
1Mb / 20P
   Mono 1.5 W / Stereo 300 mW Power Amplifier
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
[Old version datasheet]   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
National Semiconductor ...
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com