Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE35424-48 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE35424-48
Description  SMA Male Right Angle to SMA Male Right Angle Precision Cable 48 Inch Length Using 165 Series Coax, RoHS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35424-48 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE35424-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35424-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35424-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male Right Angle to SMA Male Right Angle Precision Cable 48 Inch Length Using 165 Series Coax,
RoHS
Configuration
Connector 1
SMA Male Right Angle
Connector 2
SMA Male Right Angle
Cable Type
165 Series
Electrical Specifications
Frequency Range, GHz
DC to 26
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,900
Electrical Specification Notes:
Short lengths up to 24” long may exhibit VSWR
measurements up to 9% higher.
Mechanical Specifications
Cable Assembly
Cable Type
165 Series
Temperature
Temperature Operating Range, deg C
-50 to +205
Size
Length, in [cm]
48 [121.92]
.
One Time Minimum Bend Radius, in [mm]
1 [25.4]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Beryllium Copper, Silver
No of Shields
3
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.165 [4.19]
Connector 1
Type
SMA Male Right Angle
Configuration
Right Angle
Inner Conductor Material and Plating
Beryllium Copper, Silver
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male Right Angle to SMA Male Right Angle Precision Cable 48 Inch Length Using
165 Series Coax, RoHS PE35424-48
PE35424-48 REV
PE35424-48
SMA Male Right Angle to SMA Male Right Angle Precision
Cable 48 Inch Length Using 165 Series Coax, RoHS


Similar Part No. - PE35424-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35424-12 PASTERNACK-PE35424-12 Datasheet
235Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 12 Inch Length Using 165 Series Coax, RoHS
PE35424-18 PASTERNACK-PE35424-18 Datasheet
232Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 18 Inch Length Using 165 Series Coax, RoHS
PE35424-24 PASTERNACK-PE35424-24 Datasheet
232Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 24 Inch Length Using 165 Series Coax, RoHS
PE35424-30 PASTERNACK-PE35424-30 Datasheet
353Kb / 1P
   26.5 GHZ FLEXIBLE CABLE ASSEMBLY PE-LL095P SMA MALE RIGHT ANGEL TO SMA MALE RIGHT ANGLE
PE35424-36 PASTERNACK-PE35424-36 Datasheet
231Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 36 Inch Length Using 165 Series Coax, RoHS
More results

Similar Description - PE35424-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35420-48 PASTERNACK-PE35420-48 Datasheet
225Kb / 3P
   SMA Male to SMA Male Right Angle Precision Cable 48 Inch Length Using 165 Series Coax, RoHS
PE35424-6 PASTERNACK-PE35424-6 Datasheet
232Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 6 Inch Length Using 165 Series Coax, RoHS
PE35424-72 PASTERNACK-PE35424-72 Datasheet
232Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 72 Inch Length Using 165 Series Coax, RoHS
PE35424-18 PASTERNACK-PE35424-18 Datasheet
232Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 18 Inch Length Using 165 Series Coax, RoHS
PE35424-24 PASTERNACK-PE35424-24 Datasheet
232Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 24 Inch Length Using 165 Series Coax, RoHS
PE35424-12 PASTERNACK-PE35424-12 Datasheet
235Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 12 Inch Length Using 165 Series Coax, RoHS
PE35424-36 PASTERNACK-PE35424-36 Datasheet
231Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 36 Inch Length Using 165 Series Coax, RoHS
PE35422-48 PASTERNACK-PE35422-48 Datasheet
230Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 48 Inch Length Using 150 Series Coax, RoHS
PE35420-60 PASTERNACK-PE35420-60 Datasheet
225Kb / 3P
   SMA Male to SMA Male Right Angle Precision Cable 60 Inch Length Using 165 Series Coax, RoHS
PE35420-24 PASTERNACK-PE35420-24 Datasheet
231Kb / 3P
   SMA Male to SMA Male Right Angle Precision Cable 24 Inch Length Using 165 Series Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com