Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2167 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2167
Description  Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2167 Datasheet(HTML) 4 Page - Analog Devices

  SSM2167 Datasheet HTML 1Page - Analog Devices SSM2167 Datasheet HTML 2Page - Analog Devices SSM2167 Datasheet HTML 3Page - Analog Devices SSM2167 Datasheet HTML 4Page - Analog Devices SSM2167 Datasheet HTML 5Page - Analog Devices SSM2167 Datasheet HTML 6Page - Analog Devices SSM2167 Datasheet HTML 7Page - Analog Devices SSM2167 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. A
SSM2167
–4–
– Typical Performance Characteristics
RGATE
100
10
1
0
3,500
500
1,000
1,500
2,500
2,000
3,000
TA = 25 C
V+ = 3V
RLOAD = 100k
COMPRESSION RATIO 2:1
ROTATION POINT = 63mV rms
TPC 1. Noise Gate vs. RGATE
FREQUENCY – Hz
20
30k
100
1k
10k
1
0.01
0.1

20k
TA = 25 C
V+ = 3V
VIN = 24.5mV rms
COMPRESSION RATIO 1:1
ROTATION POINT = 63mV rms
NOISE GATE SETTING = 1.4mV rms
TPC 2. THD + N vs. Frequency
FREQUENCY – Hz
1k
10M
10k
100k
1M
35
15
5
15
5
25
VIN = 2mV rms
RCOMP = 175k
ROTATION POINT = 63mV rms
NOISE GATE SETTING = 1.4mV rms
TPC 3. GBW Curves vs. VCA Gain
INPUT VOLTAGE – V rms
1
0.1
0.01
10m
1
0.1
TA = 25 C
V+ = 3V
VIN FREQUENCY = 1kHz
RLOAD = 100k
COMPRESSION RATIO 1:1
ROTATION POINT = 63mV rms
NOISE GATE SETTING = 1.4mV rms
TPC 4. THD + N vs. Input
INPUT – dBV
0
80
80
70
60
50
40
30
20
10
10
40
50
60
70
20
30
TA = 25 C
V+ = 3V
RL = 100k
ROTATION POINT = 63mV rms
NOISE GATE SETTING = 1.4mV rms
COMPRESSION RATIO 1:1
COMPRESSION RATIO 5:1
COMPRESSION RATIO 10:1
COMPRESSION RATIO 2:1
TPC 5. Output vs. Input Characteristics
FREQUENCY – Hz
10
20
80
10
100k
100
1k
10k
30
40
50
60
70
V+ = 3V + 0.1
RGATE = 5k
RCOMP = 0V
TPC 6. PSRR vs. Frequency


Similar Part No. - SSM2167

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2167 AD-SSM2167 Datasheet
275Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
Rev. C
SSM2167 AD-SSM2167 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RM-R2 AD-SSM2167-1RM-R2 Datasheet
275Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
Rev. C
SSM2167-1RM-REEL AD-SSM2167-1RM-REEL Datasheet
275Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
Rev. C
SSM2167-1RMZ-R2 AD-SSM2167-1RMZ-R2 Datasheet
275Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
Rev. C
More results

Similar Description - SSM2167

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2166 AD-SSM2166_15 Datasheet
605Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2165 AD-SSM2165 Datasheet
163Kb / 10P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2166 AD-SSM2166_03 Datasheet
459Kb / 16P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2167 AD-SSM2167_07 Datasheet
275Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
Rev. C
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com