Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2167 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2167
Description  Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2167 Datasheet(HTML) 7 Page - Analog Devices

  SSM2167 Datasheet HTML 1Page - Analog Devices SSM2167 Datasheet HTML 2Page - Analog Devices SSM2167 Datasheet HTML 3Page - Analog Devices SSM2167 Datasheet HTML 4Page - Analog Devices SSM2167 Datasheet HTML 5Page - Analog Devices SSM2167 Datasheet HTML 6Page - Analog Devices SSM2167 Datasheet HTML 7Page - Analog Devices SSM2167 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. A
–7–
SSM2167
The bandwidth of the SSM2167 is quite wide at all gain settings.
The upper 3 dB point is over 1 MHz at gains as high as 30 dB.
The GBW plots are shown in TPC 3. The lower 3 dB cutoff
frequency of the SSM2167 is set by the input impedance of
the VCA (1 k
Ω) and C2. While the noise of the input buffer is
fixed, the input-referred noise of the VCA is a function of gain.
The VCA input noise is designed to be a minimum when the
gain is at a maximum, thereby maximizing the usable dynamic
range of the part.
Level Detector
The SSM2167 incorporates a full-wave rectifier and a patent-
pending, true rms level detector circuit whose averaging time
constant is set by an external capacitor (CAVG) connected to
the AVG CAP pin (Pin 8). For optimal low-frequency operation
of the level detector down to 10 Hz, the value of the capacitor
should be 2.2
µF. Some experimentation with larger values
for CAVG may be necessary to reduce the effects of excessive
low-frequency ambient background noise. The value of the aver-
aging capacitor affects sound quality: too small a value for this
capacitor may cause a “pumping effect” for some signals, while
too large a value can result in slow response times to signal
dynamics. Electrolytic capacitors are recommended here for
lowest cost and should be in the range of 2
µF to 22 µF.
The rms detector filter time constant is approximately given by
10
CAVG milliseconds where CAVG is in
µF. This time constant
controls both the steady state averaging in the rms detector as
well as the release time for compression; that is, the time it takes
for the system gain to increase due to a decrease in input signal.
The attack time, the time it takes for the gain to be reduced
because of a sudden increase in input level, is controlled mainly by
internal circuitry that speeds up the attack for large level changes.
This limits overload time to less than 1 ms in most cases.
The performance of the rms level detector is illustrated in TPC 12
for a CAVG of 2.2
µF and TPC 11 for a C
AVG of 22
µF. In each of
these photographs, the input signal to the SSM2167 (not shown) is
a series of tone bursts in six successive 10 dB steps. The tone bursts
range from –66 dBV (0.5 mV rms) to –6 dBV (0.5 V rms). As
illustrated in the photographs, the attack time of the rms level
detector is dependent only on CAVG, but the release times are linear
ramps whose decay times are dependent on both CAVG and the
input signal step size. The rate of release is approximately 240 dB/s
for a CAVG of 2.2
µF, and 12 dB/s for a CAVG of 22 µF.
Control Circuitry
The output of the rms level detector is a signal proportional to
the log of the true rms value of the buffer output with an added
dc offset. The control circuitry subtracts a dc voltage from this
signal, scales it, and sends the result to the VCA to control the
gain. The VCA’s gain control is logarithmic—a linear change in
control signal causes a dB change in gain. It is this control law
that allows linear processing of the log rms signal to provide the
flat compression characteristic on the input/output characteristic
shown in Figure 1.
INPUT – dB
VDE
VRP
15:1
5:1
2:1
1:1
1
1
VCA GAIN
Figure 4. Effect of Varying the Compression Ratio
Setting the Compression Ratio
Changing the scaling of the control signal fed to the VCA causes a
change in the circuit’s compression ratio, “r.” This effect is shown
in Figure 4. Connecting a resistor (RCOMP) between Pin 8 and VDD
sets the compression ratio. Lowering RCOMP gives smaller compres-
sion ratios as indicated in Table I. AGC performance is achieved
with compression ratios between 2:1 and 10:1, and is dependent
on the application. Shorting RCOMP will disable the AGC function,
setting the compression equal to 1:1. If using a compression resis-
tor, using a value greater than 5 k
Ω is recommend. If lower than
5 k
Ω is used, the device may interpret this as a short, 0 Ω.
Table I. Setting Compression Ratio
Compression Ratio
Value of RCOMP
1:1
0
Ω (short to V+)
2:1
15 k
3:1
35 k
5:1
75 k
10:1
175 k
VCA GAIN
INPUT – dB
VDE1
VRP
VDE3
VDE2
1
1
r:1
Figure 5. Effects of Varying the Downward Expansion
(Noise Gate) Threshold


Similar Part No. - SSM2167

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2167 AD-SSM2167 Datasheet
275Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
Rev. C
SSM2167 AD-SSM2167 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RM-R2 AD-SSM2167-1RM-R2 Datasheet
275Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
Rev. C
SSM2167-1RM-REEL AD-SSM2167-1RM-REEL Datasheet
275Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
Rev. C
SSM2167-1RMZ-R2 AD-SSM2167-1RMZ-R2 Datasheet
275Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
Rev. C
More results

Similar Description - SSM2167

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2166 AD-SSM2166_15 Datasheet
605Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2165 AD-SSM2165 Datasheet
163Kb / 10P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2166 AD-SSM2166_03 Datasheet
459Kb / 16P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2167 AD-SSM2167_07 Datasheet
275Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
Rev. C
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com