Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLH5 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # PLH5
Description  PCB terminal block, Nominal current: 41 A, Nom. voltage: 1000 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLH5 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  PLH5 Datasheet HTML 1Page - PHOENIX CONTACT PLH5 Datasheet HTML 2Page - PHOENIX CONTACT PLH5 Datasheet HTML 3Page - PHOENIX CONTACT PLH5 Datasheet HTML 4Page - PHOENIX CONTACT PLH5 Datasheet HTML 5Page - PHOENIX CONTACT PLH5 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PLH 5/ 2-7,5-ZF Order No.: 1792106
http://catalog.phoenixcontact.net/phoenix/treeViewClick.do?UID=1792106
PHOENIX CONTACT GmbH & Co. KG
Page 6 / 6
http://www.phoenixcontact.com
Feb 21, 2013
Address
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg,Germany
Phone +49 5235 3 00
Fax +49 5235 3 41200
http://www.phoenixcontact.com
© 2012 Phoenix Contact
Technical modifications reserved;


Similar Part No. - PLH5

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLH0025-WCR08 P-TEC-PLH0025-WCR08 Datasheet
1Mb / 13P
   Dome Lens SMD LED
PLH006-WCG13 P-TEC-PLH006-WCG13 Datasheet
29Kb / 1P
   PLH006-WCG13
PLH006-WCR12 P-TEC-PLH006-WCR12 Datasheet
29Kb / 1P
   SMD LED SOT23 Package
PLH006-WCY01 P-TEC-PLH006-WCY01 Datasheet
29Kb / 1P
   SMD LED SOT23 Package
PLH007-WCRG1213 P-TEC-PLH007-WCRG1213 Datasheet
30Kb / 1P
   Bi-Color SMD LED SOT23 Package
More results

Similar Description - PLH5

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1870909 PHOENIX-1870909 Datasheet
121Kb / 4P
   PCB terminal block, nominal current: 22 A, nom. voltage: 400 V, pitch: 5.08 mm
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
   PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
1774603 PHOENIX-1774603 Datasheet
104Kb / 5P
   PCB terminal block - SPT 1,5/ 8-V-3,5 BKBDWH:41-48Q
11/04/2018
logo
Adels-Contact
412802 ADELS-412802 Datasheet
135Kb / 1P
   Terminal Block, 2 pole, Insulating Material: Porcelain, Cross- Section: 6.0 mm², Voltage Rating: 450 V, Current Rating: 41 A
29/01/2020
logo
PHOENIX CONTACT
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
   Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
   Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
   Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
1789621 PHOENIX-1789621 Datasheet
64Kb / 4P
   PCB terminal block - FFKDSA1/V-6,35
logo
List of Unclassifed Man...
MB1F ETC-MB1F Datasheet
462Kb / 3P
   VOLTAGE RANGE - 100 to 1000 V CURRENT - 0.8 A
logo
PHOENIX CONTACT
1789647 PHOENIX-1789647 Datasheet
83Kb / 5P
   PCB terminal block - FFKDS/V-3,81
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com