Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBF5484LT1 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MMBF5484LT1
Description  JFET Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBF5484LT1 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MMBF5484LT1 Datasheet HTML 2Page - Motorola, Inc MMBF5484LT1 Datasheet HTML 3Page - Motorola, Inc MMBF5484LT1 Datasheet HTML 4Page - Motorola, Inc MMBF5484LT1 Datasheet HTML 5Page - Motorola, Inc MMBF5484LT1 Datasheet HTML 6Page - Motorola, Inc MMBF5484LT1 Datasheet HTML 7Page - Motorola, Inc MMBF5484LT1 Datasheet HTML 8Page - Motorola, Inc MMBF5484LT1 Datasheet HTML 9Page - Motorola, Inc MMBF5484LT1 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MMBF5484LT1
7
Motorola Small–Signal Transistors, FETs and Diodes Device Data
0
°
350
°
340
°
330
°
10
°
20
°
30
°
180
°
190
°
200
°
210
°
170
°
160
°
150
°
320
°
310
°
300
°
290
°
280
°
270
°
260
°
250
°
240
°
230
°
220
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
0
°
350
°
340
°
330
°
10
°
20
°
30
°
180
°
190
°
200
°
210
°
170
°
160
°
150
°
320
°
310
°
300
°
290
°
280
°
270
°
260
°
250
°
240
°
230
°
220
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
0
°
350
°
340
°
330
°
10
°
20
°
30
°
180
°
190
°
200
°
210
°
170
°
160
°
150
°
320
°
310
°
300
°
290
°
280
°
270
°
260
°
250
°
240
°
230
°
220
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
0
°
350
°
340
°
330
°
10
°
20
°
30
°
180
°
190
°
200
°
210
°
170
°
160
°
150
°
320
°
310
°
300
°
290
°
280
°
270
°
260
°
250
°
240
°
230
°
220
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
Figure 18. S11g
Figure 19. S12g
Figure 20. S21g
Figure 21. S22g
0.7
0.6
0.5
0.4
0.3
0.04
0.5
0.4
0.3
0.2
1.0
0.9
0.8
0.7
0.6
0.03
0.02
0.01
0.0
0.01
0.02
0.03
0.04
0.1
900
900
800
700
600
500
300
200
100
800
700
600
500
400
300
200
100
ID = 0.25 IDSS
ID = IDSS
100
200
300
400
500
600
700
800
900
900
600
700
800
ID = 0.25 IDSS
ID = IDSS
100
900
100
900
ID = 0.25 IDSS
ID = IDSS
1.5
100
400
500
600
700
800
900
ID = IDSS, 0.25 IDSS
COMMON GATE CHARACTERISTICS
S–PARAMETERS
(VDS = 15 Vdc, Tchannel = 25°C, Data Points in MHz)


Similar Part No. - MMBF5484LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF5484LT1 ONSEMI-MMBF5484LT1 Datasheet
294Kb / 10P
   JFET Transistor
MMBF5484LT1 ONSEMI-MMBF5484LT1 Datasheet
148Kb / 6P
   JFET Transistor N?묬hannel
February, 2006 ??Rev. 3
MMBF5484LT1G ONSEMI-MMBF5484LT1G Datasheet
148Kb / 6P
   JFET Transistor N?묬hannel
February, 2006 ??Rev. 3
MMBF5484LT1 ONSEMI-MMBF5484LT1_06 Datasheet
148Kb / 6P
   JFET Transistor N?묬hannel
February, 2006 ??Rev. 3
More results

Similar Description - MMBF5484LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF5484LT1 ONSEMI-MMBF5484LT1 Datasheet
294Kb / 10P
   JFET Transistor
MMBFU310LT1 ONSEMI-MMBFU310LT1 Datasheet
161Kb / 6P
   JFET Transistor
logo
Motorola, Inc
MMBFU310LT1 MOTOROLA-MMBFU310LT1 Datasheet
161Kb / 6P
   JFET Transistor
logo
ON Semiconductor
MMBFU310LT1G ONSEMI-MMBFU310LT1G_16 Datasheet
172Kb / 4P
   JFET Transistor
October, 2016 ??Rev. 6
MMBFU310LT1G ONSEMI-MMBFU310LT1G Datasheet
109Kb / 4P
   JFET Transistor
February, 2011 ??Rev. 5
J112 ONSEMI-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor
1997
MMBFU310LT1 ONSEMI-MMBFU310LT1_05 Datasheet
93Kb / 4P
   JFET Transistor N-Channel
April, 2005 ??Rev. 3
logo
Motorola, Inc
MMBF5457LT1 MOTOROLA-MMBF5457LT1 Datasheet
103Kb / 6P
   JFET - General Purpose Transistor
logo
ON Semiconductor
MMBF5460LT1 ONSEMI-MMBF5460LT1 Datasheet
128Kb / 6P
   JFET General Purpose Transistor
1997
MMBF5484LT1 ONSEMI-MMBF5484LT1_06 Datasheet
148Kb / 6P
   JFET Transistor N?묬hannel
February, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com