Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETM710 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # ETM710
Description  4 PCI Bus master, ISA Bus supported
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

ETM710 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  ETM710 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
73
DDR2 SO-DIMM
SATA 1/2
ETM710
VIA V4 ETX V3.0 SoM with Multiple I/O
Features
VIA V4 compliant C7/Eden processor onboard
VIA CX700M + ITE8888G chipset
DDR2-400/533 up to 1 GB
2 SATA-150, 1 PATA-133 supported
DualView with different content & resolution
4 PCI Bus master, ISA Bus supported
I/O
Ordering Information
Packing List
System
MIO
1 x IDE; PATA-133
1 x FDD/LPT(default); with SPP/EPP/ECP supported
1 x PS/2 keyboard
1 x PS/2 mouse
2 x UARTs
1 x IrDA
SATA
2 x SATA-150
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
1 port as 10/100Mbps supports Wake-on-LAN, RPL/PXE
Boot ROM with Realtek RTL8139DL
Audio
HD Codec audio as MIC-in/Line-in/Line-out with VIA
VT1708B
USB
4 x USB 2.0
Standard
ETM710VEA-1GE
(P/N: E38G710101)
(Fanless)
ETX 3.0 module with V4 compliant Eden 1GHz CPU onboard,
VGA/LVDS LCD, 10/100Mbps Ethernet, HD audio
and 2 UARTs ports
Optional
ETM710VEA-500E
(P/N: E38G710100)
(Fanless)
ETX 3.0 module with ULV V4 compliant Eden 500MHz CPU
onboard, VGA/LVDS LCD, 10/100Mbps Ethernet, HD audio
and 2 UARTs ports
ETM710VEA-1.5G
(P/N: E38G710103)
ETX 3.0 module with V4 compliant C7 1.5GHz CPU onboard,
VGA/LVDS LCD, 10/100Mbps Ethernet, HD audio and
2 UARTs ports
ETB9F000
ATX form factor baseboard
5078G710000E
ETM710 heatspreader (114 x 51 x 8mm)
5078G830100E
ETM SoM low profile cooling kit with fan
5078G830200E
ETM SoM low profile cooling kit without fan
Quick installation guide, user's manual/utility CD, cable
CPU
VIA V4 compliant Eden/C7 processor onboard with
FSB 400/533 MHz
System Memory
1 x 200-pin SO-DIMM supports DDR2-400/533 max.
up to 1 GB
Chipset
VIA CX700M
BIOS
Phoenix-Award
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
4 x 32-bit PCI bus master
16-bit ISA bus
Battery
N/A
Power Requirements
VIA Eden @ 1.0 GHz, 1GB DDR2
Max. RMS: +5V @ 1.825A
Size
114 x 95 mm
Board Thickness
1.6 mm
Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Features
Rear view
DualView
Low Power
Fanless
Display
Chipset
VIA CX700M intergrated
Memory Size
Max. up to 128 MB
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel


Similar Part No. - ETM710

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ETM-RES02C ADVANTECH-ETM-RES02C Datasheet
526Kb / 1P
   Resistive Type Single-touch Module
ETM-RES02C-ADH3EE ADVANTECH-ETM-RES02C-ADH3EE Datasheet
526Kb / 1P
   Resistive Type Single-touch Module
ETM-RES04C ADVANTECH-ETM-RES04C Datasheet
526Kb / 1P
   Resistive Type Single-touch module
ETM-RES04C-EEH4EE ADVANTECH-ETM-RES04C-EEH4EE Datasheet
526Kb / 1P
   Resistive Type Single-touch module
ETM-RES04C-EEH4EE ADVANTECH-ETM-RES04C-EEH4EE Datasheet
328Kb / 2P
   21.5 FHD Industrial Display kit with Touch Solution
25-Apr-2018
More results

Similar Description - ETM710

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
ETM831 AXIOMTEK-ETM831 Datasheet
259Kb / 1P
   4 PCI Bus master, ISA Bus supported
ETM620 AXIOMTEK-ETM620 Datasheet
224Kb / 1P
   3 PCI Bus master, ISA Bus supported
logo
BOSER Technology Co., L...
HS-7238S BOSER-HS-7238S_1 Datasheet
3Mb / 88P
   Pentium짰 4 PCI-ISA Bus Industrial Single Board Computer
logo
Hirose Electric
MCR60A-98D-2.54DS HIROSE-MCR60A-98D-2.54DS Datasheet
216Kb / 5P
   ISA Bus (AT bus)
logo
BOSER Technology Co., L...
HS-7238 BOSER-HS-7238_1 Datasheet
3Mb / 74P
   Intel짰 Pentium짰 4 processor PCI-ISA Bus Single Board Computer
logo
PLX Technology
PCI9054 PLX-PCI9054 Datasheet
387Kb / 4P
   PCI Bus Master I/O Accelerator Chip
logo
Intel Corporation
82344 INTEL-82344 Datasheet
911Kb / 13P
   ISA BUS CONTROLLER
logo
Texas Instruments
TMS34094 TI1-TMS34094 Datasheet
322Kb / 38P
[Old version datasheet]   ISA BUS INTERFACE
TMP34094 TI1-TMP34094 Datasheet
322Kb / 38P
[Old version datasheet]   ISA BUS INTERFACE
logo
Applied Micro Circuits ...
S5935 AMCC-S5935 Datasheet
705Kb / 190P
   PCI 5V Bus Master/Target Device 32-bit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com