Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM2400ESS12-A000 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DIM2400ESS12-A000
Description  Single Switch IGBT Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM2400ESS12-A000 Datasheet(HTML) 3 Page - Dynex Semiconductor

  DIM2400ESS12-A000 Datasheet HTML 1Page - Dynex Semiconductor DIM2400ESS12-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM2400ESS12-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM2400ESS12-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM2400ESS12-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM2400ESS12-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM2400ESS12-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM2400ESS12-A000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DIM2400ESS12-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
3/8
www.dynexsemi.com
ELECTRICAL CHARACTERISTICS
Tcase = 25°C unless stated otherwise.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICES
Collector cut-off current
VGE = 0V, VCE = VCES
3
mA
VGE = 0V, VCE = VCES, Tcase = 125°C
75
mA
IGES
Gate leakage current
VGE = ± 20V, VCE = 0V
12
μA
VGE(TH)
Gate threshold voltage
IC = 120mA, VGE = VCE
4.5
5.5
6.5
V
VCE(sat)
Collector-emitter
saturation voltage
VGE = 15V, IC = 2400A
2.2
2.8
V
VGE = 15V, IC = 2400A, Tj = 125°C
2.6
3.3
V
IF
Diode forward current
DC
2400
A
IFM
Diode maximum forward current
tp = 1ms
4800
A
VF
Diode forward voltage
IF = 2400A
2.1
2.4
V
IF = 2400A, Tj = 125°C
2.1
2.4
V
Cies
Input capacitance
VCE = 25V, VGE = 0V, f = 1MHz
270
nF
Qg
Gate charge
±15V
26
μC
Cres
Reverse transfer capacitance
VCE = 25V, VGE = 0V, f = 1MHz
nF
LM
Module inductance
10
nH
RINT
Internal transistor resistance
90
μ
SCData
Short circuit current, ISC
Tj = 125°C, VCC = 900V
tp ≤ 10μs, VGE ≤ 15V
VCE (max) = VCES – L
* x dI/dt
IEC 60747-9
13500
A
Note:
Measured at the power busbars, not the auxiliary terminals
* L is the circuit inductance + L
M


Similar Part No. - DIM2400ESS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM2400ESS12-A000 DYNEX-DIM2400ESS12-A000 Datasheet
813Kb / 9P
   Single Switch IGBT Module
DIM2400ESS12-A000 DYNEX-DIM2400ESS12-A000_15 Datasheet
404Kb / 8P
   Single Switch IGBT Module
More results

Similar Description - DIM2400ESS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1800ESM12-A000 DYNEX-DIM1800ESM12-A000 Datasheet
331Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS000 DYNEX-DIM800XSM45-TS000 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000_15 Datasheet
373Kb / 8P
   Single Switch IGBT Module
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000_12 Datasheet
365Kb / 8P
   Single Switch IGBT Module
DIM1200FSS12-A000 DYNEX-DIM1200FSS12-A000 Datasheet
350Kb / 8P
   Single Switch IGBT Module
DIM1800ESS12-A000 DYNEX-DIM1800ESS12-A000 Datasheet
368Kb / 8P
   Single Switch IGBT Module
GP1200FSS18 DYNEX-GP1200FSS18 Datasheet
132Kb / 10P
   Single Switch IGBT Module
DIM800XSM33-F000 DYNEX-DIM800XSM33-F000 Datasheet
288Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000 Datasheet
180Kb / 10P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001_15 Datasheet
403Kb / 8P
   Single Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com