Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PONA3027-TC-32-P-DC Datasheet(PDF) 2 Page - Emcore Corporation

Part # PONA3027-TC-32-P-DC
Description  Erbium Doped Fiber Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA3027-TC-32-P-DC Datasheet(HTML) 2 Page - Emcore Corporation

  PONA3027-TC-32-P-DC Datasheet HTML 1Page - Emcore Corporation PONA3027-TC-32-P-DC Datasheet HTML 2Page - Emcore Corporation PONA3027-TC-32-P-DC Datasheet HTML 3Page - Emcore Corporation PONA3027-TC-32-P-DC Datasheet HTML 4Page - Emcore Corporation PONA3027-TC-32-P-DC Datasheet HTML 5Page - Emcore Corporation PONA3027-TC-32-P-DC Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Performance Specifications1
Property
Unit
Limit
PONA Models
Comment
3027
3030
3032
3033
3035
3037
Operating Input Power
Pin (dBm)
Max
+12
+12
+12
+12
+12
+12
Operating Input Power
Pin (dBm)
Min
-10
-10
-10
-10
-10
-10
Output Power
Po (dBm)
27.0
30.0
32.0
33.0
35.0
37.0
Nominal (note 2)
Noise Figure
NF (dB)
Typ/Max
5.5/6.0
5.5/6.0
5.5/6.0
5.5/6.0
5.5/6.0
5.5/6.0
(note 3)
Static Gain Flatness
GF (dB)
Max
+/-2.0
+/-2.0
+/-2.0
+/-2.0
+/-2.0
+/-2.0
(note 4)
Dynamic Gain Flatness
(dB)
Max
+/-2.50
+/-2.50
+/-2.50
+/-2.50
+/-3.00
+/-3.00
(note 5)
Output Power Stability
(dB)
Max
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
(note 6)
Power Consumption
(steady state regime)
Psys (W)
Max
20
15
35
20
45
25
55
30
65
40
70
45
50
oC Case (premium)
50
oC Case (economy)
(note7)
Remnant pump power
to output
Prp (dBm)
Nom.
<-30
<-30
<-30
<-30
<-30
<-30
Notes:
1. Unless stated otherwise all specifications apply over the full temperature range and humidity
2. Depending on the fiber optic patch cord interface the measured value can vary up to 0.5 dB less than the actual value.
3. Measured @ 25
C, Pin = 0 dBm. Can be measured only after splitting output power
4. Measured with a swept Probe Signal (Pp), where Pp = 0 dBm @ 25
C
5. Measured with a swept Probe Signal (Pp), and a fixed Tone Signal (Pt) @ 1553nm; (Pt = Pp+20 dB; Pt + Pp = 0 dBm) @
25
C;
6. Stability over polarization and temperature
7. Premium version – PONA with cooled, Telecordia qualified pumps
Economy version – PONA with uncooled pumps
Table for Determination of Minimal Output Optical Power per Port (dBm)
Minimum optical power per port (dBm)
PONA Models
Number of ports
3027
3030
3032
3033
3035
3037
1
27
30
32
33
35
37
2
23.5
26.5
28.5
29.5
31.5
33.5
4
20.2
23.2
25.2
26.2
28.2
30.2
8
16.8
19.8
21.8
22.8
24.8
26.8
16
13.4
16.4
18.4
19.4
21.4
23.4
32
10.0
13.0
15.0
16.0
18.0
20.0
64
7.0
10.0
12.0
13.0
15.0
17.0
PONA 3000 Series


Similar Part No. - PONA3027-TC-32-P-DC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA3027-TC-32-P-DC EMCORE-PONA3027-TC-32-P-DC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
More results

Similar Description - PONA3027-TC-32-P-DC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com