Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STI260N6F6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STI260N6F6
Description  N-channel 60 V, 0.0024 廓, 120 A STripFET??VI DeepGATE??Power MOSFET in TO-220 and I짼PAK packages
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI260N6F6 Datasheet(HTML) 3 Page - STMicroelectronics

  STI260N6F6 Datasheet HTML 1Page - STMicroelectronics STI260N6F6 Datasheet HTML 2Page - STMicroelectronics STI260N6F6 Datasheet HTML 3Page - STMicroelectronics STI260N6F6 Datasheet HTML 4Page - STMicroelectronics STI260N6F6 Datasheet HTML 5Page - STMicroelectronics STI260N6F6 Datasheet HTML 6Page - STMicroelectronics STI260N6F6 Datasheet HTML 7Page - STMicroelectronics STI260N6F6 Datasheet HTML 8Page - STMicroelectronics STI260N6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STI260N6F6, STP260N6F6
Electrical ratings
Doc ID 17467 Rev 5
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25 °C
120
A
ID
Drain current (continuous) at TC = 100 °C
120
A
IDM
(1)
1.
Current limited by package.
Drain current (pulsed)
480
A
PTOT
Total dissipation at TC = 25 °C
300
W
Derating factor
2
W/°C
Tstg
Storage temperature
- 55 to 175
°C
Tj
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.5
°C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C


Similar Part No. - STI260N6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI26NM60N STMICROELECTRONICS-STI26NM60N Datasheet
1Mb / 23P
   N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
logo
Inchange Semiconductor ...
STI26NM60N ISC-STI26NM60N Datasheet
358Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STI260N6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI400N4F6 STMICROELECTRONICS-STI400N4F6 Datasheet
181Kb / 11P
   N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
August 2012 Rev 1
STI360N4F6 STMICROELECTRONICS-STI360N4F6 Datasheet
183Kb / 11P
   N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
August 2012 Rev 1
STFI260N6F6 STMICROELECTRONICS-STFI260N6F6 Datasheet
658Kb / 12P
   N-channel 60 V, 0.0024 廓, 80 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAKFP package
April 2012 Rev 1
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
490Kb / 15P
   P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
STP210N75F6 STMICROELECTRONICS-STP210N75F6 Datasheet
693Kb / 13P
   N-channel 75 V, 3 m廓, 120 A TO-220 STripFET??VI DeepGATE??Power MOSFET
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
   N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
   N-channel 100 V, 8 m廓 typ., 120 A, STripFET??DeepGATE?? Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
   N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
STI300N4F6 STMICROELECTRONICS-STI300N4F6 Datasheet
782Kb / 13P
   N-channel 40 V, 1.7 m廓 typ., 160 A, STripFET??VI DeepGATE??Power MOSFET in a I짼PAK package
February 2013 Rev 2
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com