Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD120N4LF6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD120N4LF6
Description  N-channel 40 V, 3.1 m廓, 80 A DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD120N4LF6 Datasheet(HTML) 2 Page - STMicroelectronics

  STD120N4LF6 Datasheet HTML 1Page - STMicroelectronics STD120N4LF6 Datasheet HTML 2Page - STMicroelectronics STD120N4LF6 Datasheet HTML 3Page - STMicroelectronics STD120N4LF6 Datasheet HTML 4Page - STMicroelectronics STD120N4LF6 Datasheet HTML 5Page - STMicroelectronics STD120N4LF6 Datasheet HTML 6Page - STMicroelectronics STD120N4LF6 Datasheet HTML 7Page - STMicroelectronics STD120N4LF6 Datasheet HTML 8Page - STMicroelectronics STD120N4LF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Contents
STB120N4LF6, STD120N4LF6
2/18
Doc ID 16919 Rev 2
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5
Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18


Similar Part No. - STD120N4LF6

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STD120N4LF6 DOINGTER-STD120N4LF6 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STD120N4LF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB120N4F6 STMICROELECTRONICS-STB120N4F6 Datasheet
998Kb / 18P
   N-channel 40 V, 3.5 m廓 , 80 A, DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
   N-channel 40 V, 8.9 m廓, 44 A DPAK STripFET??VI DeepGATE??Power MOSFET
STD96N3LLH6 STMICROELECTRONICS-STD96N3LLH6 Datasheet
942Kb / 15P
   N-channel 30 V, 0.0037 廓, 80 A, DPAK STripFET??VI DeepGATE??Power MOSFET
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
   N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
   N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
STB150N3LH6 STMICROELECTRONICS-STB150N3LH6 Datasheet
1,003Kb / 15P
   N-channel 30 V, 2.4 m??typ., 80 A, STripFET??VI DeepGATE?? Power MOSFET in D짼PAK package
July 2012 Rev 1
STD155N3H6 STMICROELECTRONICS-STD155N3H6 Datasheet
949Kb / 18P
   N-channel 30 V, 2.5 m , 80 A, D PAK, DPAK STripFET VI DeepGATE Power MOSFET
STL75N8LF6 STMICROELECTRONICS-STL75N8LF6 Datasheet
797Kb / 16P
   N-channel 80 V, 5.6 m廓, 18 A, PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
November 2011 Rev 3
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STB155N3LH6 STMICROELECTRONICS-STB155N3LH6 Datasheet
1,013Kb / 18P
   N-channel 30 V, 2.4 m廓 , 80 A, DPAK, DPAK STripFETVI DeepGATE Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com