Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP37GZ Datasheet(PDF) 10 Page - Analog Devices

Part # OP37GZ
Description  Low Noise, Precision, High Speed Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37GZ Datasheet(HTML) 10 Page - Analog Devices

Back Button OP37GZ Datasheet HTML 6Page - Analog Devices OP37GZ Datasheet HTML 7Page - Analog Devices OP37GZ Datasheet HTML 8Page - Analog Devices OP37GZ Datasheet HTML 9Page - Analog Devices OP37GZ Datasheet HTML 10Page - Analog Devices OP37GZ Datasheet HTML 11Page - Analog Devices OP37GZ Datasheet HTML 12Page - Analog Devices OP37GZ Datasheet HTML 13Page - Analog Devices OP37GZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. A
OP37
–10–
OP12
OP37
D.U.T.
100k
4.3k
4.7 F
2k
24.3k
VOLTAGE
GAIN
= 50,000
2.2 F
22 F
110k
SCOPE
1
RIN = 1M
0.1 F
10
100k
0.1 F
TPC 28. Noise Test Circuit (0.1 Hz to
10 Hz)
FREQUENCY – Hz
140
1
TA = 25 C
120
100
80
60
40
20
0
10
100
1k
10k 100k 1M
10M 100M
160
POSITIVE
SWING
NEGATIVE
SWING
TPC 31. PSRP vs. Frequency
1 SEC/DIV
TPC 29. Low-Frequency Noise
LOAD RESISTANCE –
19
100
1k
10k
100k
TA = 25 C
VS = 15V
AV = 5
VO = 20V p-p
18
17
16
15
TPC 32. Slew Rate vs. Load
LOAD RESISTANCE –
2.4
100
1k
10k
100k
TA = 25 C
VS = 15V
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
TPC 30. Open-Loop Voltage Gain vs.
Load Resistance
SUPPLY VOLTAGE – Volts
20
3
15
10
5
0
TA = 25 C
AVCL = 5
6
9
12
15
18
21
FALL
RISE
TPC 33. Slew Rate vs. Supply Voltage


Similar Part No. - OP37GZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
OP37GZ MAXIM-OP37GZ Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP37GZ AD-OP37GZ Datasheet
490Kb / 16P
   Low Noise, Precision, High Speed tional Amplifier
REV. B
More results

Similar Description - OP37GZ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2975H AKM-AK2975H Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
AK2975 AKM-AK2975 Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
logo
Analog Devices
OP37 AD-OP37_15 Datasheet
566Kb / 16P
   Low Noise, Precision, High Speed Operational Amplifier
logo
Texas Instruments
TLE2144-EP TI-TLE2144-EP_15 Datasheet
737Kb / 33P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI1-TLE2141-EP_12 Datasheet
821Kb / 33P
[Old version datasheet]   Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI-TLE2142-Q1_15 Datasheet
465Kb / 25P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027-EP TI1-TLE2027-EP Datasheet
795Kb / 28P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-37 AD-OP-37 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION, HIGH SPEED OPERATIONAL AMPLIFIER(AVCL>=5)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com