Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PONA3032-TC-16-P-DC Datasheet(PDF) 5 Page - Emcore Corporation

Part # PONA3032-TC-16-P-DC
Description  Erbium Doped Fiber Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA3032-TC-16-P-DC Datasheet(HTML) 5 Page - Emcore Corporation

  PONA3032-TC-16-P-DC Datasheet HTML 1Page - Emcore Corporation PONA3032-TC-16-P-DC Datasheet HTML 2Page - Emcore Corporation PONA3032-TC-16-P-DC Datasheet HTML 3Page - Emcore Corporation PONA3032-TC-16-P-DC Datasheet HTML 4Page - Emcore Corporation PONA3032-TC-16-P-DC Datasheet HTML 5Page - Emcore Corporation PONA3032-TC-16-P-DC Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Ordering Information
PONA30
-
-
-
-
*
Class: Premium: Utilizes cooled pump lasers
Economy: Utilizes uncooled pump lasers
* PONA 3000 series with power higher then 30 dBm per port must have special output optical connector(s) and optical
bulkhead(s). Their type(s) must be verified prior to placing Purchase Order.
Compliance Information
FCC:
Subpart B. Part 15, Class “A” Unintentional Radiators
CE:EN50083-2
19995 with Amendment 1, which incorporates EN 55013 Radiated and Conducted Emissions
EN 61000-4-3
Radiated Immunity
EN 55020
Conducted Immunity
EN 61000-3-2
Harmonics
All Components meet Telecordia GR-1312 and GR-486 Standards (Except Pumps in Economy Class)
Fit Rate:
90% Level of Confidence < 2500 @ 30
OC Premium PONA 3035
90% Level of Confidence < 2000 @ 30
OC Economy PONA 3035
Power Level
Connector Options
# of Output
Ports
Class
Input Voltage
27: 27 dBm
SC: SC/APC
01: 1 port
P: Premium
AC: 90-260 VAC 50/60 Hz
30: 30 dBm
FC: FC/APC
02: 2 ports
E: Economy
DC: -48 VDC
32: 32 dBm
EC: E2000/APC
04: 4 ports
33: 33 dBm
TC: SC/UPC
08: 8 ports
35: 35 dBm
GC: FC/UPC
16: 16 ports
37: 37 dBm
SCDPLX: SC/APC Duplex
20: 20 ports
32: 32 ports
64: 64 ports
PONA 3000 Series


Similar Part No. - PONA3032-TC-16-P-DC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA3032-TC01E2DC EMCORE-PONA3032-TC01E2DC Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
PONA3032-TC01EAC EMCORE-PONA3032-TC01EAC Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
PONA3032-TC01EDC EMCORE-PONA3032-TC01EDC Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
PONA3032-TC01P2DC EMCORE-PONA3032-TC01P2DC Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
PONA3032-TC01PAC EMCORE-PONA3032-TC01PAC Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
More results

Similar Description - PONA3032-TC-16-P-DC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com