Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP470EY Datasheet(PDF) 8 Page - Analog Devices

Part # OP470EY
Description  Very Low Noise Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP470EY Datasheet(HTML) 8 Page - Analog Devices

Back Button OP470EY Datasheet HTML 4Page - Analog Devices OP470EY Datasheet HTML 5Page - Analog Devices OP470EY Datasheet HTML 6Page - Analog Devices OP470EY Datasheet HTML 7Page - Analog Devices OP470EY Datasheet HTML 8Page - Analog Devices OP470EY Datasheet HTML 9Page - Analog Devices OP470EY Datasheet HTML 10Page - Analog Devices OP470EY Datasheet HTML 11Page - Analog Devices OP470EY Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. B
OP470
–8–
FREQUENCY – Hz
28
1k
24
20
16
12
8
10k
100k
1M
10M
4
0
TA = 25 C
VS = 15V
THD = 1%
TPC 19. Maximum Output Swing vs.
Frequency
FREQUENCY – Hz
360
100
300
240
180
120
60
0
1k
10k
100k
1M
10M
100M
TA = 25 C
VS = 15V
AV = 100
AV = 1
TPC 22. Output Impedance vs.
Frequency
FREQUENCY – Hz
1
10
0.1
0.01
0.001
100
1k
10k
TA = 25 C
VS = 15V
VO = 10V p-p
RL = 2k
AV = 1
AV = –10
TPC 25. Total Harmonic Distortion
vs. Frequency
LOAD RESISTANCE –
20
100
1k
10k
18
16
14
12
10
8
6
4
2
0
TA = 25 C
VS = 15V
POSITIVE
SWING
NEGATIVE
SWING
TPC 20. Maximum Output Voltage
vs. Load Resistance
TEMPERATURE – C
4.0
–75
3.5
3.0
2.5
2.0
1.5
1.0
–50 –25
0
25
50
75
100 125
VS = 15V
–SR
+SR
TPC 23. Slew Rate vs. Temperature
10
0%
100
90
TA = 25 C
VS = 15V
AV = 1
5V
20µs
TPC 26. Large-Signal Transient
Response
CAPACITIVE LOAD – pF
100
0
TA = 25 C
VS = 15V
VIN = 100mV
AV = 1
80
60
40
20
0
200
400
600
800
1000
TPC 21. Small-Signal Overshoot vs.
Capacitive Load
FREQUENCY – Hz
170
10
150
130
110
90
70
50
100
1k
10k
100k
1M
10M
TA = 25 C
VS = 15V
VO = 20V p-p TO 10kHz
160
140
120
100
80
60
TPC 24. Channel Separation vs.
Frequency
10
0%
100
90
TA = 25 C
VS = 15V
AV = 1
50mV
0.2µs
TPC 27. Small-Signal Transient
Response


Similar Part No. - OP470EY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP470EY AD-OP470EY Datasheet
771Kb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
More results

Similar Description - OP470EY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
OP-470 AD-OP-470 Datasheet
587Kb / 15P
   VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP470AY AD-OP470AY Datasheet
771Kb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
logo
Intersil Corporation
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com