Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP471 Datasheet(PDF) 5 Page - Analog Devices

Part # OP471
Description  High Speed, Low Noise Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP471 Datasheet(HTML) 5 Page - Analog Devices

  OP471 Datasheet HTML 1Page - Analog Devices OP471 Datasheet HTML 2Page - Analog Devices OP471 Datasheet HTML 3Page - Analog Devices OP471 Datasheet HTML 4Page - Analog Devices OP471 Datasheet HTML 5Page - Analog Devices OP471 Datasheet HTML 6Page - Analog Devices OP471 Datasheet HTML 7Page - Analog Devices OP471 Datasheet HTML 8Page - Analog Devices OP471 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
–5–
OP471
FREQUENCY – Hz
130
1
TA = 25 C
VS = 15V
120
110
100
90
80
70
60
50
30
40
20
10
10
100
1k
10k
100k
1M
TPC 10. CMR vs. Frequency
FREQUENCY – Hz
140
1
120
100
80
60
40
20
0
10
100
1k
10k 100k 1M 10M 100M
130
110
90
70
50
30
10
TA = 25 C
VS = 15V
–PSR
+PSR
TPC 13. PSR vs. Frequency
FREQUENCY – MHz
25
1
20
15
10
5
0
23
4
5
–5
–10
67 8 9 10
TA = 25 C
VS = 15V
80
100
120
140
160
180
200
220
PHASE
GAIN
PHASE MARGIN
= 57
TPC 16. Open-Loop Gain,
Phase Shift vs. Frequency
SUPPLY VOLTAGE – V
10
8
2
0
5
20
10
15
6
4
TA = +25 C
TA = +125 C
TA = –55 C
TPC 11. Total Supply Current
vs. Supply Voltage
FREQUENCY – Hz
140
1
120
100
80
60
40
20
0
10
100
1k
10k 100k 1M 10M 100M
130
110
90
70
50
30
10
TA = 25 C
VS = 15V
TPC 14. Open-Loop Gain vs. Frequency
SUPPLY VOLTAGE – V
2000
0
TA = 25 C
RL = 10k
1500
1000
500
0
5
10
15
20
TPC 17. Open-Loop Gain vs.
Supply Voltage
TEMPERATURE – C
10
–75
–50
–25
0
25
50
75
100 125
9
8
7
6
5
4
3
2
VS = 15V
TPC 12. Total Supply Current
vs. Temperature
FREQUENCY – Hz
80
1k
60
40
20
0
–20
10k
100k
1M
10M
TA = 25 C
VS = 15V
TPC 15. Closed-Loop Gain
vs. Frequency
TEMPERATURE – C
80
–75 –50 –25
0
25
50
75 100 125 150
70
60
50
40
8
6
4
2
0
VS = 15V
GBW
TPC 18. Gain-Bandwidth Product,
Phase Margin vs. Temperature


Similar Part No. - OP471

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP471 AD-OP471 Datasheet
334Kb / 17P
   High Speed, Low Noise Quad Operational Amplifier
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
OP471 AD-OP471_17 Datasheet
334Kb / 17P
   High Speed, Low Noise Quad Operational Amplifier
More results

Similar Description - OP471

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
OP471 AD-OP471_17 Datasheet
334Kb / 17P
   High Speed, Low Noise Quad Operational Amplifier
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
HA-5104 INTERSIL-HA-5104 Datasheet
34Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
July 1994
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com