Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM400DCM17-A000 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # DIM400DCM17-A000
Description  IGBT Chopper Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM400DCM17-A000 Datasheet(HTML) 7 Page - Dynex Semiconductor

  DIM400DCM17-A000 Datasheet HTML 1Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM400DCM17-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
7/8
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact Customer Services.
All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
4 x M8
screwing depth
max 16
screwing depth
max 8
6 x M4
130±0.5
16 ±0.2 18 ±0.2
29.2 ±0.5
57 ±0.25
57 ±0.25
114 ±0.1
40 ±0.2
44 ±0.2
53 ±0.2
57 ±0.2
11.85 ±0.2
55.2 ±0.3
7(C)
1(E)
2(C)
3(C)
4(E)
5(E)
5(E)
6(G)
6 x Ø7
Nominal Weight:
900g
Module Outline Type Code:
D
Fig. 11 Module outline drawing


Similar Part No. - DIM400DCM17-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000 Datasheet
179Kb / 11P
   IGBT Chopper Module
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_15 Datasheet
328Kb / 8P
   IGBT Chopper Module
More results

Similar Description - DIM400DCM17-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB200E6 NIEC-PCHMB200E6 Datasheet
262Kb / 4P
   IGBT Module-Chopper
PCHMB75E6 NIEC-PCHMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB150E6 NIEC-PCHMB150E6 Datasheet
333Kb / 4P
   IGBT Module-Chopper
logo
Dynex Semiconductor
DIM800ECM33-F000 DYNEX-DIM800ECM33-F000 Datasheet
884Kb / 8P
   IGBT Chopper Module
DIM250PKM33-TS000 DYNEX-DIM250PKM33-TS000 Datasheet
411Kb / 8P
   IGBT Chopper Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com