Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DGT409BCA Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # DGT409BCA
Description  Reverse Blocking Gate Turn-off Thyristor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DGT409BCA Datasheet(HTML) 8 Page - Dynex Semiconductor

Back Button DGT409BCA Datasheet HTML 3Page - Dynex Semiconductor DGT409BCA Datasheet HTML 4Page - Dynex Semiconductor DGT409BCA Datasheet HTML 5Page - Dynex Semiconductor DGT409BCA Datasheet HTML 6Page - Dynex Semiconductor DGT409BCA Datasheet HTML 7Page - Dynex Semiconductor DGT409BCA Datasheet HTML 8Page - Dynex Semiconductor DGT409BCA Datasheet HTML 9Page - Dynex Semiconductor DGT409BCA Datasheet HTML 10Page - Dynex Semiconductor DGT409BCA Datasheet HTML 11Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SEMICONDUCTOR
DGT409BCA
8/11
www.dynexsemi.com
0
1
2
3
4
5
6
7
8
9
0
10
20
30
40
50
60
Peak forward gate current, I
FGM - (A)
Conditions:
T
j = 115° C, IT = 400A,
C
S = 2µF, RS = 20,
dI
T/dt = 150A/µs,
dI
FG/dt = 30A/µs,
V
D = 3000V
Rise time -t
r
Delay time -t
d
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
200
400
600
800
1000 1200 1400 1600
On-state current, I
T - (A)
Conditions:
T
j = 115° C,RS = 20,
dI
GG/dt = 20A/µs, CS = 2µF
V D
=
1500V
, C
S
=
2µF
Fig.14 Switching times vs peak forward gate current
Fig.15 Maximum turn-off energy vs on-state current
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
10
20
30
40
50
60
Rate of rise of reverse gate current, dI
GQ/dt - (A/µs)
Conditions:
T
j = 115° C, RS = 10,
I
T = 800A, CS = 2µF
V
D = 4500V
V
D = 3000V
V
D = 1500V
0
2
4
6
8
10
12
14
16
18
0
100
200
300
400
500
600
700
800
On-state current,I
T - (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Conditions:
T
j = 115° C, CS = 2F,
R
S = 20, dIGQ/dt = 20A/s
V
DM = 3000V
t
gs
t
gf
Fig.16 Turn-off energy vs rate of rise of reverse gate
current
Fig.17 Gate storage time and fall time vs on-state current


Similar Part No. - DGT409BCA

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DGT409BCA DYNEX-DGT409BCA Datasheet
61Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT409BCA6565 DYNEX-DGT409BCA6565 Datasheet
61Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
More results

Similar Description - DGT409BCA

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DGT409BCA DYNEX-DGT409BCA Datasheet
61Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE_15 Datasheet
336Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE Datasheet
462Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT305RE DYNEX-DGT305RE Datasheet
309Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE_04 Datasheet
277Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT305RE DYNEX-DGT305RE_15 Datasheet
368Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT408BRP DYNEX-DGT408BRP Datasheet
170Kb / 6P
   Reverse Blocking Gate Turn-off Thyristor Target Information
DG858DW45 DYNEX-DG858DW45 Datasheet
48Kb / 7P
   Gate Turn-Off Thyristor
DG408BP45 DYNEX-DG408BP45 Datasheet
223Kb / 19P
   Gate Turn-off Thyristor
DG758BX45 DYNEX-DG758BX45_15 Datasheet
237Kb / 19P
   Gate Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com