Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DGT305SE Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DGT305SE
Description  Gate Turn-off Thyristor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DGT305SE Datasheet(HTML) 1 Page - Dynex Semiconductor

  DGT305SE Datasheet HTML 1Page - Dynex Semiconductor DGT305SE Datasheet HTML 2Page - Dynex Semiconductor DGT305SE Datasheet HTML 3Page - Dynex Semiconductor DGT305SE Datasheet HTML 4Page - Dynex Semiconductor DGT305SE Datasheet HTML 5Page - Dynex Semiconductor DGT305SE Datasheet HTML 6Page - Dynex Semiconductor DGT305SE Datasheet HTML 7Page - Dynex Semiconductor DGT305SE Datasheet HTML 8Page - Dynex Semiconductor DGT305SE Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DGT305SE
1/14
www.dynexsemi.com
Replaces February 2002 version, issue DS5519-2.0
DS5519-3.0 July 2004
FEATURES
I
Double Side Cooling
I
High Reliability In Service
I
High Voltage Capability
I
Fault Protection Without Fuses
I
High Surge Current Capability
I
Turn-off Capability Allows Reduction In Equipment
Size And Weight. Low Noise Emission Reduces
Acoustic Cladding Necessary For Environmental
Requirements
APPLICATIONS
I
Variable speed A.C. motor drive inverters (VSD-AC)
I
Uninterruptable Power Supplies
I
High Voltage Converters
I
Choppers
I
Welding
I
Induction Heating
I
DC/DC Converters
KEY PARAMETERS
I
TCM
700A
V
DRM
1800V
I
T(AV)
240A
dV
D
/dt
500V/
µs
di
T
/dt
500A/
µs
VOLTAGE RATINGS
1800
DGT305SE18
Conditions
Type Number
T
vj = 125
oC, I
DM = 50mA,
I
RRM = 50mA, VRG = 2V
Repetitive Peak Off-state Voltage
V
DRM
V
Repetitive Peak Reverse Voltage
V
RRM
V
16
DGT305SE
Gate Turn-off Thyristor
Fig. 1 Package outline
Outline type code: E
(See Package Details for further information)
CURRENT RATINGS
Symbol
Parameter
Conditions
Max.
I
TCM
T
HS = 80
oC. Double side cooled. Half sine 50Hz.
V
D = 67%VDRM, Tj = 125
oC, di
GQ/dt =15A/µs, Cs = 1.5µF
RMS on-state current
A
A
A
700
240
373
Units
Repetitive peak controllable on-state current
T
HS = 80
oC. Double side cooled. Half sine 50Hz.
I
T(RMS)
I
T(AV)
Mean on-state current


Similar Part No. - DGT305SE

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DGT305SE18 DYNEX-DGT305SE18 Datasheet
309Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT305SE DYNEX-DGT305SE_15 Datasheet
370Kb / 14P
   Gate Turn-off Thyristor
More results

Similar Description - DGT305SE

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DG858DW45 DYNEX-DG858DW45 Datasheet
48Kb / 7P
   Gate Turn-Off Thyristor
DG408BP45 DYNEX-DG408BP45 Datasheet
223Kb / 19P
   Gate Turn-off Thyristor
DG758BX45 DYNEX-DG758BX45_15 Datasheet
237Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA20H2501 ABB-5SGA20H2501 Datasheet
313Kb / 9P
   Gate turn-off Thyristor
logo
Dynex Semiconductor
DG406BP25 DYNEX-DG406BP25_05 Datasheet
197Kb / 19P
   Gate Turn-off Thyristor
logo
Power Semiconductors
ATG778 POSEICO-ATG778 Datasheet
44Kb / 2P
   GATE TURN-OFF THYRISTOR
logo
Dynex Semiconductor
DG648BH45 DYNEX-DG648BH45 Datasheet
220Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA25H2501 ABB-5SGA25H2501 Datasheet
113Kb / 9P
   Gate turn-off Thyristor
5SGF30J4502 ABB-5SGF30J4502 Datasheet
303Kb / 9P
   Gate turn-off Thyristor
logo
Dynex Semiconductor
DG306AE25 DYNEX-DG306AE25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
DG406BP25 DYNEX-DG406BP25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com