Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG406BP25 Datasheet(PDF) 9 Page - Dynex Semiconductor

Part # DG406BP25
Description  Gate Turn-off Thyristor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DG406BP25 Datasheet(HTML) 9 Page - Dynex Semiconductor

Back Button DG406BP25_05 Datasheet HTML 5Page - Dynex Semiconductor DG406BP25_05 Datasheet HTML 6Page - Dynex Semiconductor DG406BP25_05 Datasheet HTML 7Page - Dynex Semiconductor DG406BP25_05 Datasheet HTML 8Page - Dynex Semiconductor DG406BP25_05 Datasheet HTML 9Page - Dynex Semiconductor DG406BP25_05 Datasheet HTML 10Page - Dynex Semiconductor DG406BP25_05 Datasheet HTML 11Page - Dynex Semiconductor DG406BP25_05 Datasheet HTML 12Page - Dynex Semiconductor DG406BP25_05 Datasheet HTML 13Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DG406BP25
9/19
0
250
500
750
1000
1250
1500
On-state current I
T - (A)
4.0
3.0
2.0
1.0
0
Conditions: T
j = 125˚C, IFGM = 30A,
C
S = 1.0µF, VD = 2000V,
R
S = 10 Ohms, dIT/dt = 300A/µs
t
d
t
r
0
2040
6080
Peak forward gate current I
FGM - (A)
FIG 14 DELAY TIME & RISE TIME
PEAK FORWARD
4.0
3.0
2.0
1.0
0
Conditions:
T
j = 125˚C, IT = 1000A,
C
S = 1.0µF,
R
S = 10 Ohms,
dI/dt = 300A/µs,
dI
FG/dt = 30A/µs,
V
D = 2000V
5.0
t
d
t
r
Fig.13 Delay time & rise time vs turn-on current
Fig.14 Delay time & rise time vs peak forward gate current


Similar Part No. - DG406BP25_05

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DG406BP25 DYNEX-DG406BP25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
logo
GREEGOO Electric Co.,Lt...
DG406BP25 GREEGOO-DG406BP25 Datasheet
539Kb / 18P
   Gate Turn-off Thyristor
More results

Similar Description - DG406BP25_05

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DG858DW45 DYNEX-DG858DW45 Datasheet
48Kb / 7P
   Gate Turn-Off Thyristor
DG408BP45 DYNEX-DG408BP45 Datasheet
223Kb / 19P
   Gate Turn-off Thyristor
DG758BX45 DYNEX-DG758BX45_15 Datasheet
237Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA20H2501 ABB-5SGA20H2501 Datasheet
313Kb / 9P
   Gate turn-off Thyristor
logo
Power Semiconductors
ATG778 POSEICO-ATG778 Datasheet
44Kb / 2P
   GATE TURN-OFF THYRISTOR
logo
Dynex Semiconductor
DG648BH45 DYNEX-DG648BH45 Datasheet
220Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA25H2501 ABB-5SGA25H2501 Datasheet
113Kb / 9P
   Gate turn-off Thyristor
5SGF30J4502 ABB-5SGF30J4502 Datasheet
303Kb / 9P
   Gate turn-off Thyristor
logo
Dynex Semiconductor
DG306AE25 DYNEX-DG306AE25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
DG406BP25 DYNEX-DG406BP25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com