Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFM1200EXM12-A000 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DFM1200EXM12-A000
Description  Fast Recovery Diode Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFM1200EXM12-A000 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DFM1200EXM12-A000 Datasheet HTML 1Page - Dynex Semiconductor DFM1200EXM12-A000 Datasheet HTML 2Page - Dynex Semiconductor DFM1200EXM12-A000 Datasheet HTML 3Page - Dynex Semiconductor DFM1200EXM12-A000 Datasheet HTML 4Page - Dynex Semiconductor DFM1200EXM12-A000 Datasheet HTML 5Page - Dynex Semiconductor DFM1200EXM12-A000 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DFM1200EXM12-A000
5/7
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact Customer Services.
All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
screwing depth
max. 16
screwing depth
max. 8
6 x M8
3 x M4
DIM....ESM.......
DIM....ECM.......
DFM....EXM.......
7
external connection
external connection
5(C)
7(C)
4(E)
6(E)
9(C)
8(E)
external connection
external connection
3(C)
2(G)
1(E)
7(C)
9(C)
6(E)
8(E)
5(C)
4(E)
external connection
external connection
3(C)
2(G)
1(E)
5(C)
7(C)
4(E)
6(E)
9(C)
8(E)
8 x
7
Ø
57 ±0.1
171 ±0.15
190 ±0.5
79.4 ±0.2
41.25 ±0.2
20.25 ±0.2
61.5 ±0.3
61.5 ±0.3
13 ±0.2
28 ±0.5
Nominal Weight: 1400g
Module Outline Type Code:
E
Fig. 7 Module outline drawing


Similar Part No. - DFM1200EXM12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM1200EXM12-A000 DYNEX-DFM1200EXM12-A000 Datasheet
119Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM1200EXM12-A000 DYNEX-DFM1200EXM12-A000_15 Datasheet
270Kb / 6P
   Fast Recovery Diode Module
More results

Similar Description - DFM1200EXM12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000_10 Datasheet
249Kb / 6P
   Fast Recovery Diode Module
DFM800NXM33-A000 DYNEX-DFM800NXM33-A000_10 Datasheet
255Kb / 6P
   Fast Recovery Diode Module
DFM1200NXM33-F000 DYNEX-DFM1200NXM33-F000 Datasheet
259Kb / 6P
   Fast Recovery Diode Module
DFM800XXM45-TS001 DYNEX-DFM800XXM45-TS001 Datasheet
261Kb / 6P
   Fast Recovery Diode Module
DFM200PXM33-F000 DYNEX-DFM200PXM33-F000_15 Datasheet
240Kb / 6P
   Fast Recovery Diode Module
DFM1200AXM45-TS001 DYNEX-DFM1200AXM45-TS001_15 Datasheet
296Kb / 6P
   Fast Recovery Diode Module
DFM1200EXM18-A000 DYNEX-DFM1200EXM18-A000_15 Datasheet
265Kb / 6P
   Fast Recovery Diode Module
DFM1200EXS12-A000 DYNEX-DFM1200EXS12-A000_15 Datasheet
269Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM12-A000 DYNEX-DFM1200FXM12-A000_15 Datasheet
251Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM18-A000 DYNEX-DFM1200FXM18-A000_15 Datasheet
291Kb / 6P
   Fast Recovery Diode Module
DFM1200XXM45-TS001 DYNEX-DFM1200XXM45-TS001_15 Datasheet
294Kb / 6P
   Fast Recovery Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com