Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP283GP Datasheet(PDF) 7 Page - Analog Devices

Part # OP283GP
Description  5 MHz Single-Supply Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP283GP Datasheet(HTML) 7 Page - Analog Devices

Back Button OP283GP Datasheet HTML 3Page - Analog Devices OP283GP Datasheet HTML 4Page - Analog Devices OP283GP Datasheet HTML 5Page - Analog Devices OP283GP Datasheet HTML 6Page - Analog Devices OP283GP Datasheet HTML 7Page - Analog Devices OP283GP Datasheet HTML 8Page - Analog Devices OP283GP Datasheet HTML 9Page - Analog Devices OP283GP Datasheet HTML 10Page - Analog Devices OP283GP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV.B
OP183/OP283
140
100
0
100
1k
1M
100k
10k
120
60
20
40
80
FREQUENCY – Hz
TA = +25°C
VS = ±15V
Figure 21. Open-Loop Gain and Phase
vs. Frequency @ +3 V
Figure 19. Common-Mode Rejection
vs. Frequency
140
100
0
100
1k
1M
100k
10k
120
60
20
40
80
FREQUENCY – Hz
+PSRR
–PSRR
TA = +25°C
VS = ±15V
Figure 20. Power Supply Rejection
vs. Frequency
90
40
–10
1k
10k
10M
1M
100k
50
70
80
0
10
30
60
20
FREQUENCY – Hz
T
A = +25°C
VS = +5V
RL = 10kΩ
GAIN
PHASE
PHASE
MARGIN
= 46°
–45
0
45
90
135
Figure 22. Open-Loop Gain and Phase
vs. Frequency @ +5 V
1000
0
125
300
100
–50
200
–75
600
400
500
700
800
900
100
25
50
–25
0
75
TEMPERATURE – °C
V
S = +5V
RL = 2kΩ
V
S = ±15V
OR
VS = +3V
RL = 2kΩ
90
40
–10
1k
10k
10M
1M
100k
50
70
80
0
10
30
60
20
FREQUENCY – Hz
T
A = +25°C
VS = ±15V
RL = 10kΩ
GAIN
PHASE
PHASE
MARGIN
= 56°
–45
0
45
90
135
Figure 23. Open-Loop Gain and Phase
vs. Frequency @
±15 V
50
30
–20
1k
10k
10M
1M
100k
40
10
–10
0
20
FREQUENCY – Hz
AV = +100
AV = +10
AV = +1
TA = +25°C
VS = ±15V
10
100
10k
30
15
0
10
5
20
25
1k
FREQUENCY – Hz
TA = +25°C
VS = ±15V
OR
VS = +3V, +15V
25
0
125
15
5
–50
10
–75
20
100
75
50
25
0
–25
TEMPERATURE – °C
V
S = ±15V
RL = 2kΩ
± SLEW RATE
V
S = ±5V
RL = 2kΩ
± SLEW RATE
Figure 27. Voltage Noise Density
vs. Frequency
Figure 24. Open-Loop Gain vs.
Temperature
Figure 25. Closed-Loop Gain vs.
Frequency
Figure 26. Slew Rate vs. Temperature
90
40
–10
1k
10k
10M
1M
100k
50
70
80
0
10
30
60
20
FREQUENCY – Hz
T
A = +25°C
VS = +3V
RL = 10kΩ
GAIN
PHASE
PHASE
MARGIN
= 43°
–45
0
45
90
135
–7–


Similar Part No. - OP283GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP283 AD-OP283 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
More results

Similar Description - OP283GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP183 AD-OP183_15 Datasheet
348Kb / 16P
   5 MHz Single-Supply Operational Amplifier
OP183 AD-OP183_05 Datasheet
339Kb / 16P
   5 MHz Single-Supply Operational Amplifier
REV. D
OP183 AD-OP183_V01 Datasheet
348Kb / 16P
   5 MHz Single-Supply Operational Amplifier
Rev. D
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA634 TI1-OPA634 Datasheet
300Kb / 18P
[Old version datasheet]   Wideband, Single-Supply OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com