Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CINT3110 Datasheet(PDF) 2 Page - SL Power Electronics

Part # CINT3110
Description  The CINT3110 Series are industrial grade, high efficiency, triple output power supplies in a small 2??x 4??size.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT3110 Datasheet(HTML) 2 Page - SL Power Electronics

  CINT3110 Datasheet HTML 1Page - SL Power Electronics CINT3110 Datasheet HTML 2Page - SL Power Electronics CINT3110 Datasheet HTML 3Page - SL Power Electronics CINT3110 Datasheet HTML 4Page - SL Power Electronics CINT3110 Datasheet HTML 5Page - SL Power Electronics CINT3110 Datasheet HTML 6Page - SL Power Electronics CINT3110 Datasheet HTML 7Page - SL Power Electronics CINT3110 Datasheet HTML 8Page - SL Power Electronics CINT3110 Datasheet HTML 9Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CINT3110
110W Triple Output
Industrial Series
www.slpower.com
CINT3110 REV 1.1, 26-NOV-12
2
General Specifications (continued)
Inrush Current
264Vac, cold start: will not exceed 45A
Signals
AC Power Fail, DC OK
Input Fuses
F1, F2: 2.5A, 250Vac fuses provided on all
models
Overload
Protection
150%-300% above rating for V2 & V3, 110%-
200% for V1. Hiccup Mode
Earth Leakage
Current
<290μA@264Vac, 60Hz, NC
Short Circuit
Protection
Provided - no damage will occur if the output is
shorted.
Efficiency
87% typical at 230Vac
Overvoltage
Protection
See models chart for trip range.
Output Power
110W continuous with 200 lfm airflow, 80W
convection cooled – See chart for specific
voltage model ratings.
Switching
Frequency
PFC: 75kHz typical
Transient
Response
500µS typ. for return to within 0.5% of
nominal, 50% load step.
i/t <0.2A/μS.
Max Volt Deviation = 3%
Isolation
Input-Output:
4000Vac
Input-Ground:
1800Vac
Output-Ground: 500Vac
Ripple and Noise
See models chart
Operating
Temperature
-10°C to +70°C
Output Voltage
See models chart
Temperature
Derating
Derate output power linearly above 50°C to 50%
at 70°C
Voltage
Adjustability
+/-10% from nominal on 5V output
Storage
Temperature
-40°C to +85°C
Minimum Load
Not required
Altitude
Operating: -500 to 10,000 ft.
Non-operating: -500 to 40,000 ft.
Total Regulation
See models chart
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g
²/Hz, 1.5grms overall, 3
axes, 10 min/axis
Non-Operating: 0.026g
²/Hz, 5.0grms overall,
3 axes, 1 hr/axis
Shock
Operating: Half-sine, 20gpk, 10ms, 3 axes, 6
shocks total
Non-Operating: Half-sine, 40 gpk, 10 ms, 3
axes, 6 shocks total
Dimensions
W: 2.0” x L: 4.0” x H: 1.3”
Safety Standards
EN/CSA/UL/IEC 60950-1, 2
nd Edition
Weight
200g
MTBF
245,000 hours, 25
°C Ambient, 110Vac input
Auxiliary Signals
AC Power Fail:
During normal operation, stays HIGH. Signal
goes LOW with at least 6mS warning before
loss of DC output from AC failure.
DC OK:
Open collector logic signal goes and stays HIGH
100mS to 500mS after main output reaches
regulation.
Remote Sense:
(5V output, optional) Will compensate for 0.5V
drop min. Will operate without remote sense
connected. Reverse connection protected.
Notes:
1. Specifications are for convection rating at factory settings at 115 Vac input, 25°C ambient unless otherwise stated.
2. For DC input an external DC safety rated fuse must be used.


Similar Part No. - CINT3110

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT3110A0508K01 SLPOWER-CINT3110A0508K01 Datasheet
4Mb / 10P
   industrial grade, high efficiency, triple output power supplies
CINT3110A1708K01 SLPOWER-CINT3110A1708K01 Datasheet
4Mb / 10P
   industrial grade, high efficiency, triple output power supplies
CINT3110A1908K01 SLPOWER-CINT3110A1908K01 Datasheet
4Mb / 10P
   industrial grade, high efficiency, triple output power supplies
CINT3110 SLPOWER-CINT3110_14 Datasheet
4Mb / 10P
   industrial grade, high efficiency, triple output power supplies
More results

Similar Description - CINT3110

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT3110 SLPOWER-CINT3110_14 Datasheet
4Mb / 10P
   industrial grade, high efficiency, triple output power supplies
MINT1150 SLPOWER-MINT1150 Datasheet
613Kb / 8P
   The MINT1150 family is a high power density for a power supply in a 2??x 4??size.
logo
Vicor Corporation
19-130040 VICOR-19-130040 Datasheet
151Kb / 1P
   ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
19-130042 VICOR-19-130042 Datasheet
176Kb / 1P
   ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
logo
Astrodyne Corporation
ASM150 ASTRODYNE-ASM150_16 Datasheet
508Kb / 4P
   150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
logo
B&K Precision Corporati...
1670A BK-1670A Datasheet
427Kb / 1P
   Triple Output DC Power Supplies
logo
Astrodyne Corporation
ASM150 ASTRODYNE-ASM150 Datasheet
502Kb / 4P
   150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
logo
B&K Precision Corporati...
1651A BK-1651A Datasheet
830Kb / 1P
   Triple Output DC Power Supplies
1760A BK-1760A Datasheet
521Kb / 1P
   Triple Output DC Power Supplies
1672 BK-1672 Datasheet
1Mb / 3P
   Triple Output DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com