Electronic Components Datasheet Search |
|
6000-0JD2-32013 Datasheet(PDF) 3 Page - Emcore Corporation |
|
6000-0JD2-32013 Datasheet(HTML) 3 Page - Emcore Corporation |
3 / 5 page DATASHEET | JULY 2012 FIBER OPTICS | REV 2012.07 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Electrical Specifications Property Requirement Comments CATV Nominal Input Power 19 dBmV/ch (79 dBuV/ch) 80 NTSC channels CATV Input Range 17 – 27 dBmV/ch (77 – 87 dBuV/ch) Optimum performance at nominal input CATV Composite Level -10.9 dBm 0 dB on FP Display CATV RF Gain / OMI Adjustment Range +2 / -8 dB from nominal setting CATV Performance may vary slightly over range CATV Frequency Range 45MHz – 1003 MHz CATV Flatness +/- 0.50 dB 45MHz - 550MHz +/- 0.75 dB 45MHz – 1003 MHz CATV Flatness – N-Type +/- 0.75 dB 45MHz – 1003 MHz N-Type CATV Input impedance 75 CATV Input Return Loss 16dB min 45MHz – 1003 MHz CATV Front Panel RF Tap -20 +/- 1 dB down from RF input CATV Front Panel RF Tap Flatness +/- 1 dB 45MHz – 1003 MHz SAT Nominal Input Power 27 dBmV/ch (87 dBuV/ch) 36 QPSK SAT-IF channels SAT Input Range 22 – 32 dBmV/ch (82 – 92 dBuV/ch) Optimum performance at nominal input SAT Composite Level -6.2 dBm 0 dB on FP Display SAT-IF RF Gain / OMI Adjustment Range +5 / -5 dB from nominal setting CATV Performance can vary slightly SAT-IF Frequency Range 950MHz – 2800 MHz SAT-IF Flatness +/- 2 dB SAT-IF Input impedance 75 SAT-IF Input Return Loss 10dB min 950MHz – 2800 MHz SAT-IF Front Panel RF Tap 7 +/- 2.5 dBmV/Ch at Nominal OMI/ch SAT-IF Front Panel RF Tap Flatness +/- 1 dB 950MHz – 2800 MHz General and Mechanical Specifications Property Requirement Comments Wavelength 1550 +/-5 nm Various Options + ITU-grid available – see Model Number Information Channel Plan Various – See Specification Tables Custom channel plans available Optical Connector SC/APC Other styles available Monitoring Interfaces 100 Base-T Ethernet (SNMP) Rear Panel RS-232 interface VFD Screen Front Panel Controls VFD- (Vacuum Fluorescent Display) Operating Temperature 0 C to 50C Storage Temperature -20 C to 70C Power Consumption 65W max J-Type Medallion 6000 1550 nm Externally Modulated Transmitter |
Similar Part No. - 6000-0JD2-32013 |
|
Similar Description - 6000-0JD2-32013 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |