Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBC86822VGGA Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # SBC86822VGGA
Description  2 Serial ATA-150 supported
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

SBC86822VGGA Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  SBC86822VGGA Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
158
* All specifications and photos are subject to change without notice.
axiomtek.com
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-
boards
Slot
CPU
Cards
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
SBC86822
Socket 478 Intel
® Pentium® M Mini ITX SBC
with Intel
® 910GMLE + ICH6M Chipset,
DualView, SATA and 6 COM Ports
Socket 478 for Intel
® Pentium® M/ Celeron® M processor with
FSB 400 MHz
Intel
® 910GMLE + ICH6M chipset
DualView with different content & resolution
8 USB 2.0 ports for high speed peripherals
2 Serial ATA-150 supported
6 COM ports
I/O
Ordering Information
Packing List
MIO
1 x IDE; PATA-100
1 x PS/2 keyboard; 1 x PS/2 mouse
6 x RS-232; with +5V/+12V powered
1 x LPT; with SPP/EPP/ECP supported
SATA
2 x SATA-150
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
2 ports as 10/100/1000Mbps support Wake-on-LAN,
RPL/PXE Boot ROM with Realtek RTL8111B
Audio
AC'97 Codec audio as MIC-in/Line-out/Speaker-out
with Realtek ALC655
USB
8 x USB 2.0
SMBus
System Management Bus for advanced monitoring/
control interface
Digital I/O
8 channels (4-IN & 4-OUT)
Standard
SBC86822VGGA
(P/N: E386822100)
Socket 478 Mini ITX SBC with VGA, 18-bit single/dual LVDS
LCD, 2 10/100/1000Mbps Ethernet (RTL8111B), AC 97 audio
and 6 COM ports
SBC86822VGGA-1GE
(P/N: E386822101)
(fanless)
Mini ITX SBC with ULV Intel
® Celeron® M 1 GHz/0K CPU
onboard, VGA/LVDS LCD, 2 10/100/1000Mbps Ethernet
(RTL8111B), AC 97 audio and 6 COM ports
Standard
Quick installation guide, user's manual/utility CD, cable, CPU cooler (socket type)
Cable
Part Number
Description
Qty
593836A0030E
SATA power cable 150mm
1
593826A0000E
SATA signal cable 500mm
1
CPU
Socket 478 for Intel
® Pentium® M/ Celeron® M processors
with FSB 400 MHz; ULV Intel
® Celeron® M processor
600MHz/512KB or 1GHz/ZC onboard
System Memory
2 x 240-pin DIMM supports DDR2-400/533 max. up to 2 GB
Chipset
Intel
® 910GMLE + ICH6M
BIOS
Phoenix-Award
SSD
1 x CompactFlash™ type-II with DMA mode support
(optional)
Watchdog Timer
255 levels, 1~255 sec.
Expansion interface
1 x PCI for 32-bit PCI supports 2 bus masters
Battery
Lithium 3V/220 mAH
Power Requirements
*Intel
® Celeron® 1.0 GHz/ZC, 1GB DDR2
Max. RMS: +5V_SBY @ 0.022A, +3.3V @ 0.68A,
+5V @ 0.98A, +12V @ 0.579A, -12V @ 0.064A
*Intel
® Pentium® M 2.0 GHz, 1GB DDR2
Max. RMS: +5V_SBY @ 0.022A, +3.3V @ 0.87A,
+5V @ 3.876A, +12V @ 0.759A, -12V @ 0.079A
Size
170 x 170 mm
Board Thickness
1.6 mm
Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Features
Side view
Fanless
Low Power
DualView
PS/2 K/B+M/S
LVDS 1/2
DDR2
DIMM 1/2
COM 1/2
Audio
COM 3+VGA
ATX power conn.
LPT
COM 4/5/6
DIO
PCI
PATA
SATA
USB 1/2/3/4
Ethernet 2+USB 7/8
Ethernet 1+USB 5/6
System
Chipset
Intel
® GMA 900 graphics core
Memory Size
Intel
® DVMT 3.0 compliant
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
Display


Similar Part No. - SBC86822VGGA

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SBC86831 AXIOMTEK-SBC86831 Datasheet
208Kb / 1P
   8 USB 2.0 ports and 2 IEEE 1394a ports
SBC86832 AXIOMTEK-SBC86832 Datasheet
202Kb / 1P
   8 USB 2.0 ports and 2 IEEE 1394a ports
SBC86832DGGAF AXIOMTEK-SBC86832DGGAF Datasheet
202Kb / 1P
   8 USB 2.0 ports and 2 IEEE 1394a ports
SBC86832DGGAF AXIOMTEK-SBC86832DGGAF Datasheet
249Kb / 1P
   DVI-I interface for both VGA and DVI external display devices
SBC86832 AXIOMTEK-SBC86832_14 Datasheet
249Kb / 1P
   DVI-I interface for both VGA and DVI external display devices
More results

Similar Description - SBC86822VGGA

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
ETM620 AXIOMTEK-ETM620_16 Datasheet
282Kb / 1P
   2 SATA-150, 2 PATA-100 supported
STX88831 AXIOMTEK-STX88831 Datasheet
246Kb / 1P
   SATA-150 supported
logo
ATMEL Corporation
AT78C5090 ATMEL-AT78C5090 Datasheet
121Kb / 3P
   2-CHANNEL SERIAL ATA PHY
logo
Molex Electronics Ltd.
0679260315 MOLEX8-0679260315 Datasheet
240Kb / 4P
   3.81mm (.150") Pitch Serial ATA IDT Power Receptacle
logo
Exar Corporation
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
logo
Adam Technologies, Inc.
SATA-A-PL-VT-K-X ADAM-TECH-SATA-A-PL-VT-K-X Datasheet
96Kb / 1P
   SERIAL ATA CONNECTOR
SATA-B-PL-SMT-K-BL ADAM-TECH-SATA-B-PL-SMT-K-BL Datasheet
102Kb / 1P
   SERIAL ATA CONNECTOR
SATA-A-PL-SMT-K ADAM-TECH-SATA-A-PL-SMT-K Datasheet
121Kb / 1P
   SERIAL ATA CONNECTOR
SATA-B-PR-RT ADAM-TECH-SATA-B-PR-RT Datasheet
90Kb / 1P
   SERIAL ATA CONNECTOR
SATA-C-PR-SMT-K ADAM-TECH-SATA-C-PR-SMT-K Datasheet
105Kb / 1P
   SERIAL ATA CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com