Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6000-OS5-2142 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 6000-OS5-2142
Description  Optical A/B Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-OS5-2142 Datasheet(HTML) 1 Page - Emcore Corporation

  6000-OS5-2142 Datasheet HTML 1Page - Emcore Corporation 6000-OS5-2142 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATASHEET | OCTOBER 2012
FIBER OPTICS
| REV 2012.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
Fiber Optical Protection Switching
Redundant Ring Architectures
FTTx Networks
Features
Automatic, Manual and Remote
Switching
Auto-Switching Time Less than 25ms
SNMP Control Interface
Front Panel LED Indicators
1 RU Rack-Mount Enclosure with Choice
of AC or DC Power Supply
The EOS-6000 Optical A/B Switch is a high-performance solution for network
protection and optical redundancy. Packaged in convenient 1RU housing, this line of
optical switches provides an automatic or manual fiber switching function to protect the
network from inadvertent service outages due to up-stream optical signal degradation.
Each fiber’s optical signal power level is continuously monitored, as is an adjustable
optical trip threshold for each channel. If the primary fiber’s optical signal power level
falls below the desired optical trip threshold, the unit automatically switches to the
secondary fiber, thus eliminating the need for intervention of a system operator. The
EOS-6000 is capable of manual switching or can be switched remotely via SNMP
adding optical protection to many system applications.
The EOS-6000 series is designed as a low power, cost-effective, high-performance
switching solution for applications that demand reliable and rapid response to
changing network conditions
Figure 1: Redundant Path Configuration for CATV Broadcast
Optical Characteristics
EOS-6000 Optical A/B Switch
To WDM & PONs
Medallion 6000
CATV Tx (Main)
Medallion 6000
CATV Tx (Backup)
MAIN
EOS-6000
Optical Switch
BACKUP
NMOA8100/8200
EDFA
RF In
RF In
Property
Units
Min.
Typ.
Max.
Operating Wave Length
Nm
1310 +/- 10 or 1550 +/- 20
Insertion Loss
dB
1.0
1.3
Return Loss
dB
55
60
Polarization Dependent Loss
dB
0.06
0.1
Repeatability
dB
+/-0.01
+/-0.02
Isolation
dB
-60
-50
Input Optical Power
dBm
24
Switching Time
ms
25


Similar Part No. - 6000-OS5-2142

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0D01-11001 EMCORE-6000-0D01-11001 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001 Datasheet
459Kb / 7P
   Single or Dual Optical Outputs
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
6000-0D02-11001 EMCORE-6000-0D02-11001 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
More results

Similar Description - 6000-OS5-2142

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
EOS-6000 EMCORE-EOS-6000 Datasheet
261Kb / 3P
   Optical A/B Switch
MEDALLION2100 EMCORE-MEDALLION2100 Datasheet
407Kb / 4P
   Optical A/B Switch
6000-0S3-1110 EMCORE-6000-0S3-1110 Datasheet
239Kb / 2P
   Optical A/B Switch
logo
Pasternack Enterprises,...
PE7102 PASTERNACK-PE7102_16 Datasheet
348Kb / 3P
   A/B Coaxial Electromechanical Relay Switch
PE7100 PASTERNACK-PE7100_16 Datasheet
343Kb / 3P
   A/B Coaxial Electromechanical Relay Switch
logo
OPTEK Technologies
OPB818 OPTEK-OPB818 Datasheet
234Kb / 2P
   SLOTTED OPTICAL SWITCH
OPB816Z OPTEK-OPB816Z Datasheet
375Kb / 3P
   Slotted Optical Switch
logo
Fairchild Semiconductor
QVL21653 FAIRCHILD-QVL21653 Datasheet
52Kb / 3P
   SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB857 OPTEK-OPB857 Datasheet
233Kb / 2P
   Slotted Optical Switch
OPB818 OPTEK-OPB818_07 Datasheet
174Kb / 3P
   SLOTTED OPTICAL SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com