Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOS617A-X001T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VOS617A-X001T
Description  High CTR with low input current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOS617A-X001T Datasheet(HTML) 3 Page - Vishay Siliconix

  VOS617A-X001T Datasheet HTML 1Page - Vishay Siliconix VOS617A-X001T Datasheet HTML 2Page - Vishay Siliconix VOS617A-X001T Datasheet HTML 3Page - Vishay Siliconix VOS617A-X001T Datasheet HTML 4Page - Vishay Siliconix VOS617A-X001T Datasheet HTML 5Page - Vishay Siliconix VOS617A-X001T Datasheet HTML 6Page - Vishay Siliconix VOS617A-X001T Datasheet HTML 7Page - Vishay Siliconix VOS617A-X001T Datasheet HTML 8Page - Vishay Siliconix VOS617A-X001T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VOS617A
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 27-Feb-13
3
Document Number: 83497
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Fig. 3 - Test Circuit
Fig. 4 - Test Circuit and Waveforms
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 50 mA
VF
1.18
1.5
V
Reverse current
VR = 6 V
IR
0.01
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CI
7.3
pF
OUTPUT
Collector emitter leakage current
VCE = 10 V
ICEO
0.3
100
nA
Collector emitter breakdown voltage
IC = 100 μA
BVCEO
80
V
Emitter collector breakdown voltage
IE = 10 μA
BVECO
7V
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
5pF
COUPLER
Collector emitter saturation voltage
IF = 5 mA, IC = 2.5 mA
VCEsat
0.25
0.4
V
Cut-off frequency
IF = 10 mA, VCC = 5 V, RL = 100 
fctr
155
kHz
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 5 mA, VCE = 5 V
VOS617A
CTR
50
600
%
VOS617A-2
CTR
63
125
%
VOS617A-3
CTR
100
200
%
VOS617A-4
CTR
160
320
%
VOS617A-7
CTR
80
160
%
VOS617A-8
CTR
130
260
%
VOS617A-9
CTR
200
400
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Rise and fall time
IC = 2 mA, VCC = 5 V,
RL = 100 
tr
3μs
Fall time
tf
3μs
Turn-on time
ton
6μs
Turn-off time
toff
4μs
SATURATED
Rise and fall time
IF = 1.6 mA, VCC = 5 V,
RL = 1.9 k
tr
3μs
Fall time
tf
12
μs
Turn-on time
ton
4μs
Turn-off time
toff
18
μs
isfh618a_10
Input
VOUT
VCC = 5 V
RL
isfh618a_12
10 %
90 %
Input pulse
Output pulse
tr
ton
t f
t off


Similar Part No. - VOS617A-X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOS617A-X001T VISHAY-VOS617A-X001T Datasheet
155Kb / 9P
   Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
Rev. 1.4, 08-Jan-14
VOS617A-X001T VISHAY-VOS617A-X001T Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
01-Jan-2022
More results

Similar Description - VOS617A-X001T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2811-1 RENESAS-PS2811-1 Datasheet
268Kb / 16P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2811-1 CEL-PS2811-1 Datasheet
429Kb / 12P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2811-1 RENESAS-PS2811-1_15 Datasheet
282Kb / 16P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2815-1 CEL-PS2815-1 Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2815-1 RENESAS-PS2815-1_15 Datasheet
254Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-1 RENESAS-PS2815-1 Datasheet
269Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2715-1 CEL-PS2715-1 Datasheet
349Kb / 10P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2715-1 RENESAS-PS2715-1_15 Datasheet
223Kb / 13P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2715-1 NEC-PS2715-1 Datasheet
92Kb / 7P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
   HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com