Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMOA8200WDM-XX04-2003 Datasheet(PDF) 4 Page - Emcore Corporation

Part # NMOA8200WDM-XX04-2003
Description  CATV Fiber Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

NMOA8200WDM-XX04-2003 Datasheet(HTML) 4 Page - Emcore Corporation

  NMOA8200WDM-XX04-2003 Datasheet HTML 1Page - Emcore Corporation NMOA8200WDM-XX04-2003 Datasheet HTML 2Page - Emcore Corporation NMOA8200WDM-XX04-2003 Datasheet HTML 3Page - Emcore Corporation NMOA8200WDM-XX04-2003 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DATASHEET | DECEMBER 2011
FIBER OPTICS
| REV 2011.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Model Number Information (note 2)
NMOA8200
□□□□□□□0□□
Integrated WDM
Output Power per
Port
Number of
Output Ports
Optics
Output
Location
Power Supply
BLANK – None
WDM – 1310/1490/1550
WDM present
xx – xxdBm/port
(Maximum: xx = 36dBm
for 1 port)
01 – 1 port
02 – 2 ports
04 – 4 ports
08 – 8 ports
16 – 16 ports
20 – 20 ports
32 – 32 ports
64 – 64 ports
1 – SC/APC
2 – FC/APC
4 – SC/UPC
5 – FC/UPC
0 – Front
1 – Rear
1 – AC primary, no
secondary
2 – DC primary, no
secondary
3 – AC primary, AC
secondary
4 – AC primary, DC
secondary
5 – DC primary, DC
secondary
Note 1: Not all configurations are available; please contact your EMCORE Sales representative.
e.g. NMOA8200-2116-1003 (EYDFA, 21 dBm/port, 16 ports, SC/APC, front fiber, dual DC)
e.g. NMOA8200WDM-2016-1005 (EYDFA with integrated WDM, 20 dBm/port, 16 ports, SC/APC, front fiber, dual DC)
Laser Safety Information
FDA/CDRH Class 1M and IEC® 60825 Class 1M laser product.
All versions are Class 1M laser products per IEC 60825-1:2007 EN 60825-1:2007
Maximum Output: 30 mW, Wavelength: 1550 nm
Caution: Use of controls, adjustment and procedures other than those specified herein may result in hazardous laser radiation
exposure.
NMOA8200 Series CATV Fiber Amplifier


Similar Part No. - NMOA8200WDM-XX04-2003

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8200WDM-XX04-2003 EMCORE-NMOA8200WDM-XX04-2003 Datasheet
143Kb / 4P
   CATV Fiber Amplifier
More results

Similar Description - NMOA8200WDM-XX04-2003

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100GFF-XX01-1001 EMCORE-NMOA8100GFF-XX01-1001_13 Datasheet
428Kb / 4P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200 Datasheet
143Kb / 4P
   CATV Fiber Amplifier
MEDALLION7200 EMCORE-MEDALLION7200 Datasheet
550Kb / 6P
   CATV Fiber Amplifier
NMOA8200WDM-XX01-1001 EMCORE-NMOA8200WDM-XX01-1001_13 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
MEDALLION7100 EMCORE-MEDALLION7100 Datasheet
532Kb / 5P
   CATV Fiber Amplifier
MEDALLION7110 EMCORE-MEDALLION7110 Datasheet
545Kb / 6P
   CATV Fiber Amplifier
logo
SJM Prewell. All Rights...
PK857 SJM-PK857 Datasheet
220Kb / 3P
   CATV Amplifier
PW111 SJM-PW111_V01 Datasheet
214Kb / 3P
   CATV Amplifier
PT818 SJM-PT818 Datasheet
462Kb / 5P
   CATV Amplifier
PW470 SJM-PW470 Datasheet
326Kb / 4P
   CATV Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com