Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6000-OS3-1132 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 6000-OS3-1132
Description  Optical A/B Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-OS3-1132 Datasheet(HTML) 2 Page - Emcore Corporation

  6000-OS3-1132 Datasheet HTML 1Page - Emcore Corporation 6000-OS3-1132 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATASHEET | OCTOBER 2012
FIBER OPTICS
| REV 2012.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
General and Mechanical Specifications
Property
Requirement
Comments
Switching Threshold
20 dB range – see ordering info
Settable within range
Switching Mode
Auto, Manual, remote
Optical Connector
SC/APC
Other styles available
Monitoring Interfaces
100 Base-T Ethernet
Rear Panel RS-232 interface
LED Indicators
SNMP v1
Reserved for Factory Use
Power, Main, Backup, and Output Indicators
Operating Temperature
0
C to 50C
Storage Temperature
-25
C to 65C
Agency Listings
FCC: Subpart B. Part 15, class “A” Unintentional
Radiators
Power Consumption
5W
Maximum
Supply Range
(VDC)
(VAC)
85 to 240 VAC, 50/60 Hz
36 - 72 VDC
Dimensions
430x300x44mm
Model Number Information (note 1)
6000 – 0S
- □ □ □ □
Operating
Wavelenghth
Optics
Power
Supply
Switching Threshold
range
EMCORE Logo
3 – 1310nm
1 – SC/APC
1 – AC
1 – [-30, -10] dBm
0 – No
5 – 1550nm
2 – FC/APC
2 – DC
2 – [-20, 0] dBm
2 – Yes
3 – SC/UPC
3 – [-10, 10] dBm
4 – FC/UPC
4 – [0, 20] dBm
5 – LC/UPC
6- LC/APC
Note 1: Not all configurations are available - contact factory.
Example: 6000-0S5-1232
1550nm, SC/APC connectors, DC power supply, -10 to + 10 dBm input range, EMCORE Logo.
EOS-6000 Optical A/B Switch


Similar Part No. - 6000-OS3-1132

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0D01-11001 EMCORE-6000-0D01-11001 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001 Datasheet
459Kb / 7P
   Single or Dual Optical Outputs
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
6000-0D02-11001 EMCORE-6000-0D02-11001 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
More results

Similar Description - 6000-OS3-1132

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
EOS-6000 EMCORE-EOS-6000 Datasheet
261Kb / 3P
   Optical A/B Switch
MEDALLION2100 EMCORE-MEDALLION2100 Datasheet
407Kb / 4P
   Optical A/B Switch
6000-0S3-1110 EMCORE-6000-0S3-1110 Datasheet
239Kb / 2P
   Optical A/B Switch
logo
Pasternack Enterprises,...
PE7102 PASTERNACK-PE7102_16 Datasheet
348Kb / 3P
   A/B Coaxial Electromechanical Relay Switch
PE7100 PASTERNACK-PE7100_16 Datasheet
343Kb / 3P
   A/B Coaxial Electromechanical Relay Switch
logo
OPTEK Technologies
OPB818 OPTEK-OPB818 Datasheet
234Kb / 2P
   SLOTTED OPTICAL SWITCH
OPB816Z OPTEK-OPB816Z Datasheet
375Kb / 3P
   Slotted Optical Switch
logo
Fairchild Semiconductor
QVL21653 FAIRCHILD-QVL21653 Datasheet
52Kb / 3P
   SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB857 OPTEK-OPB857 Datasheet
233Kb / 2P
   Slotted Optical Switch
OPB818 OPTEK-OPB818_07 Datasheet
174Kb / 3P
   SLOTTED OPTICAL SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com