Electronic Components Datasheet Search |
|
DPCI-354T-1203 Datasheet(PDF) 1 Page - SL Power Electronics |
|
DPCI-354T-1203 Datasheet(HTML) 1 Page - SL Power Electronics |
1 / 6 page Condor D.C. Power Supplies, Inc. • 2311 Statham Parkway, Oxnard, CA 93033 800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com CompactPCI® SYSTEM POWER SUPPLIES FEATURES: • 150 W and 200 W in 3U x 8HP, 350 W in 6U x 8HP • Fully compliant with PICMG CompactPCI ® specifications • Current sharing and internal OR-ing diodes for N+1 redundancy • High current 5 V and 3.3 V outputs • CompactPCI® package requires only 15 cfm of external cooling air • Universal ac input versions with power factor correction • 48 Vdc input versions EXECUTIVE MEMBER CPCI SERIES 150 to 350 Watts, Ac Input with PFC DCPI SERIES 150 to 350 Watts, 48 Vdc Input 3U x 8 HP The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications. These power supplies offer high power density in plug-in modules that meet the requirements of the PICMG ® power interface specification for CompactPCI systems. These units may be used as a single power supply for a CompactPCI system, or multiple units may be used in parallel for higher power capabil- ity as needed. In addition, all units include current sharing, internal OR-ing diodes, and a hot plug input/output connector to offer full hot swap capability and N+1 redundancy. Also, compatible ac and dc input units offer standardization on a single power supply series for a system mechanical configuration. 6U x 8 HP Connector Input Power Model No. 47 Pin Modular Ac 350 W CPCI-354T-1203 Dc 350 W DPCI-354T-1203 38 Pin Modular Ac 350 W CPCI-354-1203 Dc 350 W DPCI-354-1203 Connector Input Power Model No. 47 Pin Modular 150 W CPCI-154-1203 200 W CPCI-204-1203 150 W DPCI-154-1203 200 W DPCI-204-1203 DIN “M” 150 W CPCI-154-1203M 200 W CPCI-204-1203M 150 W DPCI-154-1203M 200 W DPCI-204-1203M Ac Dc Ac Dc |
Similar Part No. - DPCI-354T-1203 |
|
Similar Description - DPCI-354T-1203 |